Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7211 Datasheet (PDF) - Renesas Technology Corp

DA7211 Datasheet PDF - Renesas Technology Corp
Part # DA7211
Download  DA7211 Download
File Size   1639.08 Kbytes
Page   111 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-low power stereo codec

DA7211 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA7211 Datasheet PDF - Renesas Technology Corp

Part # DA7211
Download  DA7211 Click to download

File Size   1639.08 Kbytes
Page   111 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-low power stereo codec

DA7211 Datasheet (HTML) - Renesas Technology Corp


DA7211 Product details

Key features
■ Stereo multi-bit Delta Sigma DAC with SNR 100 dB ('A' weighted @ 48 kHz)
■ Stereo multi-bit Delta Sigma ADC with SNR 96 dB ('A' weighted @ 48 kHz)
■ Ultra low-power stereo headphone driver with
□ Stereo DAC to HP playback power: 2.5 mW
□ 2x58 mW output power (16 Ω)
□ ‘Capless’ output via GND centred signals
□ Four level charge pump with continuous tracking of audio signal (Class G)
□ Short circuit protection
■ Support of 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48 and 96 kHz sample rates
■ On-chip PLL with signal shaper and audio Sample Rate Matching
■ 2-wire software control interface
■ Audio serial data bus supports I2S, left/right justified, DSP and TDM modes
■ Stereo or mono differential microphone interface
■ Programmable ultra-low noise bias supply for electret microphones
■ Volume controlled stereo auxiliary inputs and outputs supporting FM Radio and fixed gain speaker amplifiers
■ Multi-mode audio routing and mixers
■ Pop & click suppression circuitry
■ ASSP DSP filter engine for digital audio enhancements (acoustic filtering, wind noise suppression, 5-band equaliser, 3D sound, automatic gain control)
■ Supports supply from single voltage (1.8/2.5 V)
■ Extensive modular power control
■ Package: 36 bump WL-CSP 3x3 – 0.5 mm pitch




Similar Part No. - DA7211

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
Ultra-low power stereo codec
DA7211-01UA2 DIALOG-DA7211-01UA2 Datasheet
2Mb / 105P
Ultra-low power stereo codec
DA7211-01UA6 DIALOG-DA7211-01UA6 Datasheet
2Mb / 105P
Ultra-low power stereo codec
More results


Similar Description - DA7211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
Ultra-low power stereo codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
Ultra-low power stereo codec
DA7217 DIALOG-DA7217 Datasheet
2Mb / 171P
Ultra-Low Power Stereo Codec
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7217 RENESAS-DA7217 Datasheet
3Mb / 170P
Ultra-Low Power Stereo Codec
23-Feb-2022
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
Ultra-low power stereo codec
23-Dec-2021
DA7212 RENESAS-DA7212 Datasheet
1Mb / 136P
Ultra-Low Power Stereo Codec
05-Jan-2022
DA7218 RENESAS-DA7218 Datasheet
2Mb / 198P
Ultra-Low Power Stereo Codec
24-Dec-2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com