Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC31H12C-Y Datasheet (PDF) - STMicroelectronics

STPSC31H12C-Y Datasheet PDF - STMicroelectronics
Part # STPSC31H12C-Y
Download  STPSC31H12C-Y Download
File Size   216.63 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 X 15 A, 1200 V power Schottky silicon carbide diode

STPSC31H12C-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC31H12C-Y Datasheet PDF - STMicroelectronics

Part # STPSC31H12C-Y
Download  STPSC31H12C-Y Click to download

File Size   216.63 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 X 15 A, 1200 V power Schottky silicon carbide diode

STPSC31H12C-Y Datasheet (HTML) - STMicroelectronics


STPSC31H12C-Y Product details

Features
• AEC-Q101 qualified
• No or negligible reverse recovery
• Switching behavior independent of temperature
• Robust high-voltage periphery
• PPAP capable
• Operating Tj from -40 °C to 175 °C
• ECOPACK 2 compliant
Applications
• OBC (on board battery chargers)
• PHEV - EV charging stations
• Resonant LLC topology
• PFC functions (power factor corrector)
Description
The SiC diode, available in TO-247, is an ultrahigh performance power Schottky
rectifier. It is manufactured using a silicon carbide substrate. The wide band-gap
material allows the design of a low VF Schottky diode structure with a 1200 V rating.
Due to the Schottky construction, no recovery is shown at turn-off and ringing
patterns are negligible. The minimal capacitive turn-off behavior is independent of
temperature.
Especially suited for use in PFC and secondary side applications, this ST SiC diode
will boost the performance in hard switching conditions. This rectifier will enhance the
performance of the targeted application. Its high forward surge capability ensures a
good robustness during transient phases.




Similar Part No. - STPSC31H12C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC30G065 STMICROELECTRONICS-STPSC30G065 Datasheet
659Kb / 10P
650 V, 30 A high surge silicon carbide power Schottky diode
25-Sep-2025
STPSC30G065-Y STMICROELECTRONICS-STPSC30G065-Y Datasheet
661Kb / 10P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
17-Sep-2025
STPSC30G065L2Y STMICROELECTRONICS-STPSC30G065L2Y Datasheet
567Kb / 11P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
24-Jun-2025
STPSC30G065W STMICROELECTRONICS-STPSC30G065W Datasheet
659Kb / 10P
650 V, 30 A high surge silicon carbide power Schottky diode
25-Sep-2025
STPSC30G065WLY STMICROELECTRONICS-STPSC30G065WLY Datasheet
661Kb / 10P
Automotive 650 V, 30 A high surge silicon carbide power Schottky diode
17-Sep-2025
More results


Similar Description - STPSC31H12C-Y

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSH15120A ONSEMI-FFSH15120A Datasheet
450Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 15 A
January, 2020 ??Rev. 2
logo
STMicroelectronics
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
31-Aug-2020
STPSC10H12G2-TR STMICROELECTRONICS-STPSC10H12G2-TR Datasheet
375Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
STPSC20H12G2-TR STMICROELECTRONICS-STPSC20H12G2-TR Datasheet
374Kb / 11P
1200 V, 20 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
logo
WOLFSPEED, INC.
C4D15120A WOLFSPEED-C4D15120A Datasheet
1Mb / 9P
4th Generation 1200 V, 15 A Silicon Carbide Schottky Diode
Rev. 5, March 2023
C4D15120H WOLFSPEED-C4D15120H Datasheet
558Kb / 9P
4th Generation 1200 V, 15 A Silicon Carbide Schottky Diode
Rev. 2, January 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com