Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87604AGILF Datasheet (PDF) - Renesas Technology Corp

87604AGILF Datasheet PDF - Renesas Technology Corp
Part # 87604AGILF
Download  87604AGILF Download
File Size   393.28 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator

87604AGILF Datasheet (PDF)

Go To PDF Page Download Datasheet
87604AGILF Datasheet PDF - Renesas Technology Corp

Part # 87604AGILF
Download  87604AGILF Click to download

File Size   393.28 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator

87604AGILF Datasheet (HTML) - Renesas Technology Corp


87604AGILF Product details

FEATURES
• Fully integrated PLL
• Four LVCMOS/LVTTL outputs, 15Ω typical output impedance
• Selectable crystal oscillator interface or
LVCMOS/LVTTL REF_IN clock input
• Maximum output frequency: 166.67MHz
• Maximum crystal input frequency: 38MHz
• Maximum REF_IN input frequency: 41.67MHz
• Individual banks with selectable output dividers for
generating 33.333MHz, 66.66MHz, 100MHz and
133.333MHz
• Separate feedback control for generating PCI / PCI-X
frequencies from a 16.66MHz or 20MHz crystal, or 25MHz
or 33.33MHz reference frequency
• VCO range: 250MHz to 500MHz
• Cycle-to-cycle jitter: 120ps (maximum)
• Period jitter, RMS: 20ps (maximum)
• Output skew: 65ps (maximum)
• Static phase offset: 160ps ± 160ps
• Voltage Supply Modes:VDD/VDDA/VDDO
3.3/3.3/3.3
3.3/3.3/2.5
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 87604AGILF

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
87604 ALPHAWIRE-87604 Datasheet
98Kb / 4P
Customer Specification
3/15/2023
87604CY ALPHAWIRE-87604CY Datasheet
99Kb / 4P
Customer Specification
3/15/2023
More results


Similar Description - 87604AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
Low Skew PCI / PCI-X Buffer
Rev B 02/27/01
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
REV. C SEPTEMBER 7, 2004
logo
List of Unclassifed Man...
ICS87608I ETC-ICS87608I Datasheet
152Kb / 12P
LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
LOW SKEW PCI/PCI-X BUFFER
Revision 062105
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
87608I RENESAS-87608I Datasheet
353Kb / 16P
bLow Voltage/Low Skew, 1:8 PCI/PCI-X Zero Delay clock Generator
January 25, 2016
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
LOW SKEW PCI/PCI-X BUFFER
110110
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
Low Skew PCI / PCI-X Buffer
08/12/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com