Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210825 Datasheet (PDF) - Renesas Technology Corp

RAA210825 Datasheet PDF - Renesas Technology Corp
Part # RAA210825
Download  RAA210825 Download
File Size   2457.51 Kbytes
Page   56 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Pin-Configurable 25A DC/DC Power Module with PMBus Interface

RAA210825 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA210825 Datasheet PDF - Renesas Technology Corp

Part # RAA210825
Download  RAA210825 Click to download

File Size   2457.51 Kbytes
Page   56 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Pin-Configurable 25A DC/DC Power Module with PMBus Interface

RAA210825 Datasheet (HTML) - Renesas Technology Corp


RAA210825 Product details

Features
• 25A single channel output current
• Wide VIN range: 4.5V to 14V
• Programmable output voltage
• 0.6V to 5V output voltage settings
• ±1.2% accuracy over line/load/temperature
• PMBus interface and/or Pin-Strap mode
• Pin-strap mode for standard settings
• VOUT, switching frequency, input UVLO,
soft-start/stop and external sync
• Real time telemetry for VIN, VOUT, IOUT,
temperature, duty cycle, and switching frequency
• ChargeMode control loop architecture
• 296kHz to 1.06MHz fixed switching frequency
operations
• No compensation required
• Fast single clock cycle transient response
• Complete input and output over/undervoltage, output
current, and temperature protections with fault
logging
• PowerNavigator supported
• Thermally enhanced HDA package




Similar Part No. - RAA210825

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
RAA210870 RENESAS-RAA210870 Datasheet
2Mb / 58P
Pin-Configurable 70A DC/DC Power Module with PMBus Interface
Oct 23, 2018
More results


Similar Description - RAA210825

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
Digital DC/DC PMBus 25A Module
July 2, 2015
logo
Monolithic Power System...
MPM3695-25 MPS-MPM3695-25 Datasheet
326Kb / 2P
16V, 25A, Scalable, DC/DC Power Module with PMBus
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
Digital DC/DC PMBus 25A Module
ISL8277M RENESAS-ISL8277M Datasheet
2Mb / 57P
Digital DC/DC PMBus 25A Module
logo
Analog Devices
LTC7131-1 AD-LTC7131-1 Datasheet
2Mb / 44P
25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
logo
Renesas Technology Corp
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
RAA210870 RENESAS-RAA210870 Datasheet
2Mb / 58P
Pin-Configurable 70A DC/DC Power Module with PMBus Interface
Oct 23, 2018
RAA210925 RENESAS-RAA210925 Datasheet
2Mb / 64P
Pin-Configurable Dual 25A DC/DC Power Module with PMBus Interface
May 31, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com