Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210870 Datasheet (PDF) - Renesas Technology Corp

RAA210870 Datasheet PDF - Renesas Technology Corp
Part # RAA210870
Download  RAA210870 Download
File Size   2701.02 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Pin-Configurable 70A DC/DC Power Module with PMBus Interface

RAA210870 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA210870 Datasheet PDF - Renesas Technology Corp

Part # RAA210870
Download  RAA210870 Click to download

File Size   2701.02 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Pin-Configurable 70A DC/DC Power Module with PMBus Interface

RAA210870 Datasheet (HTML) - Renesas Technology Corp


RAA210870 Product details

Features
• 70A single channel output current
• 4.5V to 14V single rail input voltage
• Up to 93% efficiency
• Programmable output voltage
• 0.6V to 2.5V output voltage settings
• ±1.2% accuracy over line, load, and temperature
• ChargeMode control loop architecture
• 296kHz to 1.06MHz fixed switching frequency
operations
• No compensation required
• Fast single clock cycle transient response
• PMBus interface and/or pin-strap mode
• Programmable through PMBus
• Pin-strap mode for standard settings
• Real-time telemetry for VIN, VOUT, IOUT,
temperature, duty cycle, and fSW
• Complete over/undervoltage, current, and
temperature protections with fault logging
• PowerNavigator supported
• Thermally enhanced 18mmx23mmx7.5mm HDA
package




Similar Part No. - RAA210870

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA210825 RENESAS-RAA210825 Datasheet
2Mb / 56P
Pin-Configurable 25A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
More results


Similar Description - RAA210870

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Intersil Corporation
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
Digital DC/DC PMBus 10A Power Module
March 5, 2013
logo
Monolithic Power System...
MPM3695-25 MPS-MPM3695-25 Datasheet
326Kb / 2P
16V, 25A, Scalable, DC/DC Power Module with PMBus
EVM3695-25-RF-02A MPS-EVM3695-25-RF-02A Datasheet
5Mb / 11P
16V, 20A, Scalable DC/DC Power Module with PMBus
logo
Analog Devices
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
logo
Renesas Technology Corp
RAA210825 RENESAS-RAA210825 Datasheet
2Mb / 56P
Pin-Configurable 25A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
RAA210925 RENESAS-RAA210925 Datasheet
2Mb / 64P
Pin-Configurable Dual 25A DC/DC Power Module with PMBus Interface
May 31, 2019
logo
Analog Devices
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
150A DC/DC μModule Regulator with PMBus Interface
Rev. B
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com