Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210850 Datasheet (PDF) - Renesas Technology Corp

RAA210850 Datasheet PDF - Renesas Technology Corp
Part # RAA210850
Download  RAA210850 Download
File Size   2476.56 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Pin-Configurable 50A DC/DC Power Module with PMBus Interface

RAA210850 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA210850 Datasheet PDF - Renesas Technology Corp

Part # RAA210850
Download  RAA210850 Click to download

File Size   2476.56 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Pin-Configurable 50A DC/DC Power Module with PMBus Interface

RAA210850 Datasheet (HTML) - Renesas Technology Corp


RAA210850 Product details

Features
• Wide input voltage range: 4.5V to 14V
• Up to 96% efficiency
• Programmable output voltage
• 0.6V to 5V output voltage settings
• ±1.2% VOUT accuracy over line, load, and
temperature
• PMBus compliant communication interface
• Pin-strap mode for standard settings
• VOUT, switching frequency, input UVLO,
soft-start/stop, and external synchronization
• Real-time telemetry for VIN, VOUT, IOUT,
temperature, duty cycle, and switching frequency
• Complete overvoltage, undervoltage, current and
temperature protections with fault logging
• PowerNavigator supported
• Thermally enhanced HDA package




Similar Part No. - RAA210850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA210825 RENESAS-RAA210825 Datasheet
2Mb / 56P
Pin-Configurable 25A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210870 RENESAS-RAA210870 Datasheet
2Mb / 58P
Pin-Configurable 70A DC/DC Power Module with PMBus Interface
Oct 23, 2018
More results


Similar Description - RAA210850

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Intersil Corporation
ISL8272MAIRZ INTERSIL-ISL8272MAIRZ Datasheet
1Mb / 55P
50A Digital DC/DC PMBus Power Module
January 14, 2015
logo
Monolithic Power System...
EVM3695-25-RF-02A MPS-EVM3695-25-RF-02A Datasheet
5Mb / 11P
16V, 20A, Scalable DC/DC Power Module with PMBus
logo
Renesas Technology Corp
ISL8272M RENESAS-ISL8272M Datasheet
2Mb / 59P
50A Digital DC/DC PMBus Power Module
logo
Analog Devices
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
logo
Renesas Technology Corp
RAA210825 RENESAS-RAA210825 Datasheet
2Mb / 56P
Pin-Configurable 25A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210870 RENESAS-RAA210870 Datasheet
2Mb / 58P
Pin-Configurable 70A DC/DC Power Module with PMBus Interface
Oct 23, 2018
RAA210925 RENESAS-RAA210925 Datasheet
2Mb / 64P
Pin-Configurable Dual 25A DC/DC Power Module with PMBus Interface
May 31, 2019
logo
Analog Devices
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
150A DC/DC μModule Regulator with PMBus Interface
Rev. B
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com