Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210925 Datasheet (PDF) - Renesas Technology Corp

RAA210925 Datasheet PDF - Renesas Technology Corp
Part # RAA210925
Download  RAA210925 Download
File Size   3007.07 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Pin-Configurable Dual 25A DC/DC Power Module with PMBus Interface

RAA210925 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA210925 Datasheet PDF - Renesas Technology Corp

Part # RAA210925
Download  RAA210925 Click to download

File Size   3007.07 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Pin-Configurable Dual 25A DC/DC Power Module with PMBus Interface

RAA210925 Datasheet (HTML) - Renesas Technology Corp


RAA210925 Product details

Features
• 25A/25A dual-channel output current
• 4.5V to 14V single rail input voltage
• Up to 95.5% efficiency
• Programmable output voltage
• 0.6V to 5V output voltage settings
• ±1.2% accuracy over line/load/temperature
• ChargeMode control loop architecture
• 296kHz to 1067kHz fixed switching frequency
operations
• No compensation required
• Fast single clock cycle transient response
• PMBus interface and/or pin-strap mode
• Programmable through PMBus
• Pin-strap mode for standard settings
• Real-time telemetry for VIN, VOUT, IOUT,
temperature, duty cycle, and fSW
• Complete over/undervoltage, current, and
temperature protections with fault logging
• PowerNavigator supported
• Thermally enhanced 18mmx23mmx7.5mm HDA
package




Similar Part No. - RAA210925

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2022
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2023
RAA210030 RENESAS-RAA210030_V01 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2023
RAA210040 RENESAS-RAA210040 Datasheet
999Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Apr 13, 2021
RAA210040 RENESAS-RAA210040 Datasheet
2Mb / 13P
Demonstration Board Manual
Apr 14, 2021 Rev.1.1
More results


Similar Description - RAA210925

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
Digital DC/DC PMBus 25A Module
July 2, 2015
logo
Monolithic Power System...
MPM3695-25 MPS-MPM3695-25 Datasheet
326Kb / 2P
16V, 25A, Scalable, DC/DC Power Module with PMBus
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
Digital DC/DC PMBus 25A Module
ISL8277M RENESAS-ISL8277M Datasheet
2Mb / 57P
Digital DC/DC PMBus 25A Module
logo
Analog Devices
LTC7131-1 AD-LTC7131-1 Datasheet
2Mb / 44P
25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
logo
Renesas Technology Corp
RAA210825 RENESAS-RAA210825 Datasheet
2Mb / 56P
Pin-Configurable 25A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
RAA210870 RENESAS-RAA210870 Datasheet
2Mb / 58P
Pin-Configurable 70A DC/DC Power Module with PMBus Interface
Oct 23, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com