Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3098E Datasheet (PDF) - Renesas Technology Corp

CA3098E Datasheet PDF - Renesas Technology Corp
Part # CA3098E
Download  CA3098E Download
File Size   234.34 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector

CA3098E Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3098E Datasheet PDF - Renesas Technology Corp

Part # CA3098E
Download  CA3098E Click to download

File Size   234.34 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector

CA3098E Datasheet (HTML) - Renesas Technology Corp


CA3098E Product details

Features
• Programmable Operating Current
• Micropower Standby Dissipation
• Direct Control of Currents Up to. . . . . . . . . . . . . . . 150mA
• Low Input On/Off Current of Less Than 1nA for
Programmable Bias Current of 1μA
• Built-in Hysteresis . . . . . . . . . . . . . . . . . . . . . 20mV (Max)




Similar Part No. - CA3098E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3098E INTERSIL-CA3098E Datasheet
229Kb / 12P
Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
January 1999
More results


Similar Description - CA3098E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
Hitachi Semiconductor
HD74HC221 HITACHI-HD74HC221 Datasheet
53Kb / 8P
Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Intersil Corporation
CA3098 INTERSIL-CA3098 Datasheet
229Kb / 12P
Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
January 1999
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
Inverter with Schmitt-trigger Input
logo
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
DUAL 4-INPUT SCHMITT TRIGGER
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
Inverter with Schmitt-trigger Input
HD74HC221 RENESAS-HD74HC221 Datasheet
103Kb / 8P
Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Texas Instruments
SN74LS221J TI1-SN74LS221J Datasheet
963Kb / 27P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com