Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4083 Datasheet (PDF) - Renesas Technology Corp

HIP4083 Datasheet PDF - Renesas Technology Corp
Part # HIP4083
Download  HIP4083 Download
File Size   553.27 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V, 300mA Three Phase High Side Driver

HIP4083 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP4083 Datasheet PDF - Renesas Technology Corp

Part # HIP4083
Download  HIP4083 Click to download

File Size   553.27 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V, 300mA Three Phase High Side Driver

HIP4083 Datasheet (HTML) - Renesas Technology Corp


HIP4083 Product details

Features
• Independently Drives Three High Side N-Channel
MOSFETs in Three Phase Bridge Configuration
• Bootstrap Supply Max Voltage to 95VDC
• Bias Supply Operation from 7V to 15V
• Drives 1000pF Load with Typical Rise Times of 35ns and
Fall Times of 30ns
• CMOS/TTL Compatible Inputs
• Programmable Undervoltage Protection
• Pb-free Available
Applications
• Brushless Motors
• High Side Switches
• AC Motor Drives
• Switched Reluctance Motor Drives




Similar Part No. - HIP4083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4083 INTERSIL-HIP4083 Datasheet
70Kb / 10P
80V, 300mA Three Phase High Side Driver
1996 07
HIP4083 INTERSIL-HIP4083 Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
HIP4083AB INTERSIL-HIP4083AB Datasheet
70Kb / 10P
80V, 300mA Three Phase High Side Driver
1996 07
HIP4083AB INTERSIL-HIP4083AB Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
More results


Similar Description - HIP4083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4083 INTERSIL-HIP4083 Datasheet
70Kb / 10P
80V, 300mA Three Phase High Side Driver
1996 07
HIP4086 INTERSIL-HIP4086 Datasheet
75Kb / 9P
80V, 0.5A Three Phase Driver
1999 05
HIP4084 INTERSIL-HIP4084 Datasheet
639Kb / 6P
80V, 0.50A Four Phase Driver
February 1998
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
80V, 0.5A Three Phase Driver
July 2004
HIP4083 INTERSIL-HIP4083_04 Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
logo
Mitsubishi Electric Sem...
M81712FP MITSUBISHI-M81712FP Datasheet
84Kb / 7P
HIGH VOLTAGE THREE PHASE BRIDGE DRIVER
logo
Intersil Corporation
HIP4086ABZT INTERSIL-HIP4086ABZT Datasheet
475Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
February 1, 2013
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
logo
Allegro MicroSystems
A4900 ALLEGRO-A4900 Datasheet
746Kb / 17P
High Voltage Three Phase Gate Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com