Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4084 Datasheet (PDF) - Intersil Corporation

HIP4084 Datasheet PDF - Intersil Corporation
Part # HIP4084
Download  HIP4084 Download
File Size   639.8 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V, 0.50A Four Phase Driver

HIP4084 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP4084 Datasheet PDF - Intersil Corporation

Part # HIP4084
Download  HIP4084 Click to download

File Size   639.8 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V, 0.50A Four Phase Driver

HIP4084 Datasheet (HTML) - Intersil Corporation


HIP4084 Product details

Description

The HIP4084 is a Four Phase Bridge N-Channel MOSFET driver IC. Specifically targeted for PWM and stepper motor control applications, the HIP4084 makes bridge based designs simple and flexible. With operation up to 80V and undervoltage detection, the device is best suited to applications of moder ate power levels.



Features

• Independently Drives 8 N-Channel MOSFETs in Either

  Four Phase Bridge Configuration or Dual H-Bridge Configuration

• 1.25A Peak Turn-Off Current

• Bootstrap Supply Max Voltage to 95VDC

• Bias Supply Operation from 7V to 15V

• User-Programmable Dead Time (0.25µs to 4.5µs)

• Charge-Pump and Bootstrap Maintain Upper Bias Supplies

• Drives 1000pF Load with Typical Rise Time of 20ns and Fall Time of 10ns

• EN(Disable) Overrides Input Control

• Input Logic Thresholds Compatible with 3V to 15V Logic Levels

• Dead Time Disable Capability

• Programmable Undervoltage Set Point



Applications

• Brushless Motors

• AC Motor Drives

• Stepper Motors

• Switched Reluctance Motor Drives




Similar Part No. - HIP4084

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080 INTERSIL-HIP4080 Datasheet
761Kb / 21P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080 RENESAS-HIP4080 Datasheet
1Mb / 21P
80V/2.5A Peak, High FrequencyFull Bridge FET Driver
February, 2003
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
March 1995
HIP4080A INTERSIL-HIP4080A Datasheet
719Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
More results


Similar Description - HIP4084

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4083 INTERSIL-HIP4083 Datasheet
70Kb / 10P
80V, 300mA Three Phase High Side Driver
1996 07
HIP4086 INTERSIL-HIP4086 Datasheet
75Kb / 9P
80V, 0.5A Three Phase Driver
1999 05
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
80V, 0.5A Three Phase Driver
July 2004
HIP4083 INTERSIL-HIP4083_04 Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
HIP4086ABZT INTERSIL-HIP4086ABZT Datasheet
475Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
February 1, 2013
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
logo
Renesas Technology Corp
HIP4086 RENESAS-HIP4086 Datasheet
777Kb / 17P
80V, 500mA, 3-Phase MOSFET Driver
HIP4083 RENESAS-HIP4083 Datasheet
553Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com