Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4083 Datasheet (PDF) - Intersil Corporation

HIP4083 Datasheet PDF - Intersil Corporation
Part # HIP4083
Download  HIP4083 Download
File Size   70.67 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V, 300mA Three Phase High Side Driver

HIP4083 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP4083 Datasheet PDF - Intersil Corporation

Part # HIP4083
Download  HIP4083 Click to download

File Size   70.67 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V, 300mA Three Phase High Side Driver

HIP4083 Datasheet (HTML) - Intersil Corporation


HIP4083 Product details

The HIP4083 is a three phase high side N-channel MOSFET driver, specifically targeted for PWM motor control. Two HIP4083 may be used together for 3 phase full bridge applications (see application block diagram). Alternatively, the lower gates may be controlled directly from a buffered microprocessor output.

Unlike other members of the HIP408x family, the HIP4083 has no built in turn-on delay. Each output (AHO, BHO, and CHO) will turn-on 65ns after its input is switched low. Likewise, each output will turn-off 60ns after its input is switched high. Very short and very long dead times are possible when two HIP4083 are used to drive a full bridge. This dead time is controlled by the input signal timing.



Features

• Independently Drives Three High Side N-Channel MOSFETs in Three Phase Bridge Configuration

• Bootstrap Supply Max Voltage to 95VDC

• Bias Supply Operation from 7V to 15V

• Drives 1000pF Load with Typical Rise Times of 35ns and Fall Times of 30ns

• CMOS/TTL Compatible Inputs

• Programmable Undervoltage Protection

• Pb-free Available



Applications

• Brushless Motors

• High Side Switches

• AC Motor Drives

• Switched Reluctance Motor Drives



 




Similar Part No. - HIP4083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4083 INTERSIL-HIP4083 Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
logo
Renesas Technology Corp
HIP4083 RENESAS-HIP4083 Datasheet
553Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
logo
Intersil Corporation
HIP4083AB INTERSIL-HIP4083AB Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
More results


Similar Description - HIP4083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086 Datasheet
75Kb / 9P
80V, 0.5A Three Phase Driver
1999 05
HIP4084 INTERSIL-HIP4084 Datasheet
639Kb / 6P
80V, 0.50A Four Phase Driver
February 1998
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
80V, 0.5A Three Phase Driver
July 2004
HIP4083 INTERSIL-HIP4083_04 Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
logo
Mitsubishi Electric Sem...
M81712FP MITSUBISHI-M81712FP Datasheet
84Kb / 7P
HIGH VOLTAGE THREE PHASE BRIDGE DRIVER
logo
Intersil Corporation
HIP4086ABZT INTERSIL-HIP4086ABZT Datasheet
475Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
February 1, 2013
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
logo
Allegro MicroSystems
A4900 ALLEGRO-A4900 Datasheet
746Kb / 17P
High Voltage Three Phase Gate Driver
logo
Renesas Technology Corp
HIP4083 RENESAS-HIP4083 Datasheet
553Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com