Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4083 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP4083
Description  80V, 300mA Three Phase High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4083 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP4083 Datasheet HTML 1Page - Intersil Corporation HIP4083 Datasheet HTML 2Page - Intersil Corporation HIP4083 Datasheet HTML 3Page - Intersil Corporation HIP4083 Datasheet HTML 4Page - Intersil Corporation HIP4083 Datasheet HTML 5Page - Intersil Corporation HIP4083 Datasheet HTML 6Page - Intersil Corporation HIP4083 Datasheet HTML 7Page - Intersil Corporation HIP4083 Datasheet HTML 8Page - Intersil Corporation HIP4083 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
12
July 1996
HIP4083
80V, 300mA
Three Phase High Side Driver
Features
• Independently Drives Three High Side N-Channel
MOSFETs in Three Phase Bridge Configuration
• Bootstrap Supply Max Voltage to 95VDC
• Bias Supply Operation from 7V to 15V
• Drives 1000pF Load with Typical Rise Times of 35ns
and Fall Times of 30ns
• CMOS/TTL Compatible Inputs
• Programmable Undervoltage Protection
Applications
• Brushless Motors
• High Side Switches
• AC Motor Drives
• Switched Reluctance Motor Drives
Description
The HIP4083 is a three phase high side N-channel MOSFET
driver, specifically targeted for PWM motor control. Two
HIP4083 may be used together for 3 phase full bridge appli-
cations (see application block diagram). Alternatively, the
lower gates may be controlled directly from a buffered micro-
processor output.
Unlike other members of the HIP408x family, the HIP4083
has no built in turn-on delay. Each output (AHO, BHO, and
CHO) will turn-on 65ns after its input is switched low. Like-
wise, each output will turn-off 60ns after its input is switched
high. Very short and very long dead times are possible when
two HIP4083 are used to drive a full bridge. This dead time is
controlled by the input signal timing.
The HIP4083 does not have a built in charge pump. There-
fore, the bootstrap capacitors must be recharged on a peri-
odic basis by initiating a short refresh pulse. In most bridge
applications, this will happen automatically every time the
lower FETs turn-on and the upper FETs turn-off. However, it
is still possible to use the HIP4083 in applications that
require the high side FETs to be on for extended periods of
time. This can be easily accomplished by sending a short
refresh pulse to the DIS pin.
The HIP4083 has reduced drive current compared to the
HIP4086 making it ideal for low to moderate power applica-
tions. The HIP4083 is optimized for applications where size
and cost are important. For high power applications driving
large power FETs, the HIP4086 is recommended.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP4083AB
-40 to 105
16 Ld SOIC
M16.15
HIP4083AP
-40 to 105
16 Ld PDIP
E16.3
Pinout
HIP4083
PDIP, SOIC
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
AHI
BHI
CHI
DIS
AHO
VSS
BHB
CHS
CHO
UVLO
VDD
AHS
AHB
BHO
CHB
BHS
Application Block Diagram
12V
80V
GND
GND
AHI
BHI
CHI
AHO
BHO
CHO
HIP4083
12V
GND
AHI
BHI
CHI
AHO
BHO
CHO
MICRO-
CONTROLLER
(OPTIONAL)
HIP4083
File Number
4223
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP4083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4083 INTERSIL-HIP4083 Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
logo
Renesas Technology Corp
HIP4083 RENESAS-HIP4083 Datasheet
553Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
logo
Intersil Corporation
HIP4083AB INTERSIL-HIP4083AB Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
More results

Similar Description - HIP4083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086 Datasheet
75Kb / 9P
80V, 0.5A Three Phase Driver
1999 05
HIP4084 INTERSIL-HIP4084 Datasheet
639Kb / 6P
80V, 0.50A Four Phase Driver
February 1998
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
80V, 0.5A Three Phase Driver
July 2004
HIP4083 INTERSIL-HIP4083_04 Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
logo
Mitsubishi Electric Sem...
M81712FP MITSUBISHI-M81712FP Datasheet
84Kb / 7P
HIGH VOLTAGE THREE PHASE BRIDGE DRIVER
logo
Intersil Corporation
HIP4086ABZT INTERSIL-HIP4086ABZT Datasheet
475Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
February 1, 2013
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
logo
Allegro MicroSystems
A4900 ALLEGRO-A4900 Datasheet
746Kb / 17P
High Voltage Three Phase Gate Driver
logo
Renesas Technology Corp
HIP4083 RENESAS-HIP4083 Datasheet
553Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com