Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4086 Datasheet (PDF) - Intersil Corporation

HIP4086 Datasheet PDF - Intersil Corporation
Part # HIP4086
Download  HIP4086 Download
File Size   75.42 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V, 0.5A Three Phase Driver

HIP4086 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP4086 Datasheet PDF - Intersil Corporation

Part # HIP4086
Download  HIP4086 Click to download

File Size   75.42 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V, 0.5A Three Phase Driver

HIP4086 Datasheet (HTML) - Intersil Corporation


HIP4086 Product details

80V, 500mA, 3-Phase MOSFET Driver

The HIP4086 and HIP4086A (referred to as the HIP4086/A) are three phase N-Channel MOSFET drivers. Both parts are specifically targeted for PWM motor control. These drivers have flexible input protocol for driving every possible switch combination. The user can even override the shoot-through protection for switched reluctance applications.
The HIP4086/A have a wide range of programmable dead times (0.5ms to 4.5ms) which makes them very suitable for the low frequencies (up to 100kHz) typically used for motor drives.
The only difference between the HIP4086 and the HIP4086A is that the HIP4086A has the built-in charge pumps disabled. This is useful in applications that require very quiet EMI performance (the charge pumps operate at 10MHz). The advantage of the HIP4086 is that the built-in charge pumps allow indefinitely long on times for the high-side drivers.

Features
• Independently drives 6 N-Channel MOSFETs in three phase bridge configuration
• Bootstrap supply max voltage up to 95VDC with bias supply from 7V to 15V
• 1.25A peak turn-off current
• User programmable dead time (0.5µs to 4.5µs)
• Bootstrap and optional charge pump maintain the high-side driver bias voltage.
• Programmable bootstrap refresh time
• Drives 1000pF load with typical rise time of 20ns and Fall Time of 10ns
• Programmable undervoltage set point

Applications
• Brushless Motors (BLDC)
• 3-phase AC motors
• Switched reluctance motor drives
• Battery powered vehicles
• Battery powered tools




Similar Part No. - HIP4086

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086 Datasheet
227Kb / 9P
80V, 0.5A Three Phase Driver
July 2004
HIP4086 INTERSIL-HIP4086 Datasheet
486Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
June 1, 2011
logo
Renesas Technology Corp
HIP4086 RENESAS-HIP4086 Datasheet
777Kb / 17P
80V, 500mA, 3-Phase MOSFET Driver
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086 Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086 INTERSIL-HIP4086 Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
More results


Similar Description - HIP4086

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
80Kb / 4P
Power Transistor (80V, 0.5A)
logo
Intersil Corporation
HIP4083 INTERSIL-HIP4083 Datasheet
70Kb / 10P
80V, 300mA Three Phase High Side Driver
1996 07
HIP4084 INTERSIL-HIP4084 Datasheet
639Kb / 6P
80V, 0.50A Four Phase Driver
February 1998
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
80V, 0.5A Three Phase Driver
July 2004
HIP4083 INTERSIL-HIP4083_04 Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
logo
Rohm
2SD1782KT146R ROHM-2SD1782KT146R Datasheet
67Kb / 4P
Power Transistor (80V, 0.5A)
2SD1782K ROHM-2SD1782K Datasheet
67Kb / 4P
Power Transistor (80V, 0.5A)
logo
Intersil Corporation
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
logo
Monolithic Power System...
EV46885DN-00A MPS-EV46885DN-00A Datasheet
147Kb / 3P
80V INPUT 0.5A HIGH POWER LED DRIVER
logo
Renesas Technology Corp
HIP4083 RENESAS-HIP4083 Datasheet
553Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com