Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87001I-01 Datasheet (PDF) - Renesas Technology Corp

ICS87001I-01 Datasheet PDF - Renesas Technology Corp
Part # ICS87001I-01
Download  ICS87001I-01 Download
File Size   579.1 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVCMOS/LVTTL Clock Divider

ICS87001I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS87001I-01 Datasheet PDF - Renesas Technology Corp

Part # ICS87001I-01
Download  ICS87001I-01 Click to download

File Size   579.1 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVCMOS/LVTTL Clock Divider

ICS87001I-01 Datasheet (HTML) - Renesas Technology Corp


ICS87001I-01 Product details

General Description
The ICS87001I-01 is a low skew, ÷1, ÷2, ÷3, ÷4, ÷5, ÷6, ÷8, ÷16
LVCMOS/LVTTL Clock Divider. The ICS87001I-01 has selectable
clock inputs that accept single ended input levels. Output enable pin
controls whether the output is in the active or high impedance state.
The ICS87001I-01 is characterized at 3.3V, 2.5V and mixed
3.3V/2.5V, 3.3V/1.8V, 2.5V/1.8V input/output supply operating
modes.Guaranteed part-to-part skew characteristics make the
ICS87001I-01 ideal for those applications demanding well defined
performance and repeatability.
Features
• One LVCMOS / LVTTL output
• Selectable LVCMOS / LVTTL clock inputs
• Maximum output frequency: 250MHz
• Part-to-part skew: 135ps (typical)
• Power supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS87001I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87001I-01 IDT-ICS87001I-01 Datasheet
384Kb / 14P
Maximum output frequency
More results


Similar Description - ICS87001I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
ICS87001-01 IDT-ICS87001-01 Datasheet
717Kb / 12P
LVCMOS/LVTTL CLOCK DIVIDER
IDT5V925BI IDT-IDT5V925BI Datasheet
835Kb / 18P
Programmable LVCMOS/LVTTL Clock Generator
ICS87004BGI-03LF IDT-ICS87004BGI-03LF Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
FemtoClock LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
ICS87001-01 RENESAS-ICS87001-01 Datasheet
525Kb / 14P
LVCMOS/LVTTL Clock Divider
JULY 2, 2013
IDT5V925BI RENESAS-IDT5V925BI Datasheet
414Kb / 19P
Programmable LVCMOS/LVTTL Clock Generator
March 10, 2016
ICS87004I-03 RENESAS-ICS87004I-03 Datasheet
367Kb / 16P
LVCMOS/ LVTTL Fanout Buffer/ Divider
2019
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com