Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3282EMRTEP Datasheet (PDF) - Renesas Technology Corp

ISL3282EMRTEP Datasheet PDF - Renesas Technology Corp
Part # ISL3282EMRTEP
Download  ISL3282EMRTEP Download
File Size   520.86 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD Protected, 16Mbps, with Active Low Rx EN, RS-485/422 Receiver

ISL3282EMRTEP Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3282EMRTEP Datasheet PDF - Renesas Technology Corp

Part # ISL3282EMRTEP
Download  ISL3282EMRTEP Click to download

File Size   520.86 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD Protected, 16Mbps, with Active Low Rx EN, RS-485/422 Receiver

ISL3282EMRTEP Datasheet (HTML) - Renesas Technology Corp


ISL3282EMRTEP Product details

Features
• Specifications per DSCC VID V62/10601-01XB
• Full military temperature electrical performance from
-55°C to +125°C
• Controlled baseline with one wafer fabrication site and one
assembly/test site
• Full homogeneous lot processing in wafer fab
• No combination of wafer fabrication lots in assembly
• Full traceability through assembly and test by date/trace
code assignment
• Enhanced process change notification
• Enhanced obsolescence management
• Eliminates need for up-screening a COTS component
• ±16.5kV IEC61000 ESD protection on RS-485 inputs
• Class 3 ESD level on all other pins. . . . . . . . . . . . . .>5kV HBM
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . 3.0V to 5.5V
• Specified for +125°C operation
• Logic supply pin (VL) eases operation in mixed supply
systems
• Full fail-safe (open, short, terminated/undriven)
• True 1/8 unit load allows up to 256 devices on the bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . up to 16Mbps
• Low quiescent supply current. . . . . . . . . . 500µA (maximum)
• Very low shutdown supply current . . . . . . . 20µA (maximum)
• -7V to +12V common-mode input voltage range
• Tri-statable Rx available (active low or high EN input)
• 5V tolerant logic inputs when VCC  5V




Similar Part No. - ISL3282EMRTEP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3282EMRTEP INTERSIL-ISL3282EMRTEP Datasheet
624Kb / 8P
RS-485/RS-422 Receiver
February 15, 2011
ISL3282EMRTEP-T INTERSIL-ISL3282EMRTEP-T Datasheet
624Kb / 8P
RS-485/RS-422 Receiver
February 15, 2011
ISL3282EMRTEP-TK INTERSIL-ISL3282EMRTEP-TK Datasheet
624Kb / 8P
RS-485/RS-422 Receiver
February 15, 2011
More results


Similar Description - ISL3282EMRTEP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
logo
STMicroelectronics
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
±15KV ESD protected, low power RS-485/RS-422 transceiver
29-Jan-2007
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
logo
Intersil Corporation
ISL3282EMRTEP INTERSIL-ISL3282EMRTEP Datasheet
624Kb / 8P
RS-485/RS-422 Receiver
February 15, 2011
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com