Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL4486IBZ Datasheet (PDF) - Renesas Technology Corp

ISL4486IBZ Datasheet PDF - Renesas Technology Corp
Part # ISL4486IBZ
Download  ISL4486IBZ Download
File Size   764.69 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers

ISL4486IBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL4486IBZ Datasheet PDF - Renesas Technology Corp

Part # ISL4486IBZ
Download  ISL4486IBZ Click to download

File Size   764.69 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers

ISL4486IBZ Datasheet (HTML) - Renesas Technology Corp


ISL4486IBZ Product details

Features
• Specified for 10% Tolerance Supplies
• High Data Rates
ISL4486 . . . . . . . . . . . . . . . . . . . . . . . . . . up to 40Mbps
ISL81486 . . . . . . . . . . . . . . . . . . . . . . . . . up to 30Mbps
• Large Differential Output Voltage . . . . . . . . . . 3V into 54
• Low Bit-to-Bit (Part-to-Part) Skew for Parallel Applications
• 0.6 Unit Load Allows up to 50 Devices on the Bus
• ISL81486 is a Drop-In Replacement for the ADM1486
• Low Quiescent Current . . . . . . . . . . . . . . . . . . . . . 800A
• -7V to +12V Common Mode Input Voltage Range
• Three-State Rx and Tx Outputs
• 14ns (Max) Propagation Delays, 2ns (Max) Skew
• Operates from a Single +5V Supply (10% Tolerance)
• Current Limiting and Thermal Shutdown for driver
Overload Protection
• Pb-free available




Similar Part No. - ISL4486IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4486IBZ INTERSIL-ISL4486IBZ Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
ISL4486IBZ-T INTERSIL-ISL4486IBZ-T Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
More results


Similar Description - ISL4486IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
logo
Maxim Integrated Produc...
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
PROFIBUS RS-485 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Maxim Integrated Produc...
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Holt Integrated Circuit...
HI-4853H HOLTIC-HI-4853H Datasheet
1Mb / 14P
3.3/5V, High-Speed RS-485/422 Transceivers with
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com