Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL4486IBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL4486IBZ
Description  5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL4486IBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL4486IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL4486, ISL81486
FN6060 Rev 2.00
Page 2 of 11
August 1, 2004
Truth Table
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
B/Z
A/Y
X
1101
X
1010
X
0
X
High-Z
High-Z
Truth Table
RECEIVING
INPUTS
OUTPUT
RE
DE
A-B
RO
00
 +0.2V
1
00
 -0.2V
0
0
0
Inputs Open
1
1
X
X
High-Z
Pin Descriptions
PIN
FUNCTION
RO
Receiver output: If A > B by at least 0.2V, RO is high; If A < B by 0.2V or more, RO is low; RO = High if A and B are unconnected (floating).
RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high.
DE
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high impedance when DE is low.
DI
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z low.
GND
Ground connection.
A/Y
RS-485/422 level, noninverting receiver input and noninverting driver output. Pin is an input (A) if DE = 0; pin is an output (Y) if DE = 1.
B/Z
RS-485/422 level, inverting receiver input and inverting driver output. Pin is an input (B) if DE = 0; pin is an output (Z) if DE = 1.
VCC
System power supply input (4.5V to 5.5V).
Typical Operating Circuit
ISL4486
0.1
F
+
D
R
7
6
8
1
2
3
4
5
VCC
GND
RO
RE
DE
DI
A/Y
B/Z
+5V
0.1
F
+
D
R
6
7
8
1
2
3
4
5
VCC
GND
RO
RE
DE
DI
A/Y
B/Z
+5V
RT
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com