Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL4486IBZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL4486IBZ
Description  5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL4486IBZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL4486IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ISL4486, ISL81486
FN6060 Rev 2.00
Page 3 of 11
August 1, 2004
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
Input/Output Voltages
A/Y, B/Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -8V to +12.5V
RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to (VCC +0.5V)
Short Circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Operating Conditions
Temperature Range
ISLXX86IX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Note 1)
JA (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
105
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . .
140
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = 25°C, Note 2
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Driver Differential VOUT (no load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (with load)
VOD2
R = 50
 (RS-422) (Figure 1A)
Full
2.5
3.7
-
V
R = 27
 (RS-485), VCC 4.75V (Figure 1A,
ISL4486 Only)
Full
2.5
3
5
V
R = 27
 (RS-485), VCC= 4.5V (Figure 1A)
Full
2.3
-
5
V
RD = 60, -7V  VCM  12V, VCC 4.75V
(Figure 1B)
Full
2.4
-
-
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
VOD
R = 27
 or 50, (Figure 1A)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
R = 27
 or 50 (Figure 1A)
Full
-
-
3
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
VOC
R = 27
 or 50 (Figure 1A)
Full
-
0.01
0.2
V
Logic Input High Voltage
VIH
DE, DI, RE
Full
2
-
-
V
Logic Input Low Voltage
VIL
DE, DI, RE
Full
-
-
0.8
V
Logic Input Current
IIN1
DE, DI, RE
Full
-1
-
1
A
Input Current (A/Y, B/Z) (Note 5)
IIN2
DE = 0V, VCC = 0V or
4.5 to 5.5V
VIN = 12V
Full
-
-
0.6
mA
VIN = -7V
Full
-0.35
-
-
mA
Receiver Differential Threshold
Voltage
VTH
-7V
 VCM  12V
Full
-0.2
-
0.2
V
Receiver Input Hysteresis
VTH
VCM = 0V
25
-
40
-
mV
Receiver Output High Voltage
VOH
IO = -4mA, VID = 200mV
Full
4
-
-
V
Receiver Output Low Voltage
VOL
IO = -4mA, VID = 200mV
Full
-
-
0.4
V
Three-State (high impedance)
Receiver Output Current
IOZR
0.4V
 VO  2.4V
Full
-
-
1
A
Receiver Input Resistance
RIN
-7V
 VCM  12V (Note 7)
Full
20
-
-
k
No-Load Supply Current (Note 3)
ICC
DI, RE = 0V or VCC
DE = VCC
Full
-
1
2
mA
DE = 0V
Full
-
0.8
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com