Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL4486IBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL4486IBZ
Description  5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL4486IBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL4486IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL4486IBZ Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ISL4486, ISL81486
FN6060 Rev 2.00
Page 10 of 11
August 1, 2004
Mini Small Outline Plastic Packages (MSOP)
NOTES:
1. These package dimensions are within allowable dimensions of
JEDEC MO-187BA.
2. Dimensioning and tolerancing per ANSI Y14.5M-1994.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs and are measured at Datum Plane. Mold flash, protrusion
and gate burrs shall not exceed 0.15mm (0.006 inch) per side.
4. Dimension “E1” does not include interlead flash or protrusions and
are measured at Datum Plane.
Interlead flash and protru-
sions shall not exceed 0.15mm (0.006 inch) per side.
5. Formed leads shall be planar with respect to one another within
0.10mm (0.004) at seating Plane.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “b” does not include dambar protrusion. Allowable dam-
bar protrusion shall be 0.08mm (0.003 inch) total in excess of “b”
dimension at maximum material condition. Minimum space be-
tween protrusion and adjacent lead is 0.07mm (0.0027 inch).
10. Datums
and
to be determined at Datum plane
.
11. Controlling dimension: MILLIMETER. Converted inch dimensions
are for reference only.
L
0.25
(0.010)
L1
R1
R
4X
4X
GAUGE
PLANE
SEATING
PLANE
E
E1
N
12
TOP VIEW
INDEX
AREA
-C-
-B-
0.20 (0.008)
A B C
SEATING
PLANE
0.20 (0.008)
C
0.10 (0.004)
C
-A-
-H-
SIDE VIEW
b
e
D
A
A1
A2
-B-
END VIEW
0.20 (0.008)
C D
E1
CL
C
a
- H -
-A -
- B -
- H -
M8.118 (JEDEC MO-187AA)
8 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.037
0.043
0.94
1.10
-
A1
0.002
0.006
0.05
0.15
-
A2
0.030
0.037
0.75
0.95
-
b
0.010
0.014
0.25
0.36
9
c
0.004
0.008
0.09
0.20
-
D
0.116
0.120
2.95
3.05
3
E1
0.116
0.120
2.95
3.05
4
e
0.026 BSC
0.65 BSC
-
E
0.187
0.199
4.75
5.05
-
L
0.016
0.028
0.40
0.70
6
L1
0.037 REF
0.95 REF
-
N8
8
7
R
0.003
-
0.07
-
-
R1
0.003
-
0.07
-
-
05o
15o
5o
15o
-
0o
6o
0o
6o
-
Rev. 2 01/03



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com