Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet (PDF) - Renesas Technology Corp

ZLED7012 Datasheet PDF - Renesas Technology Corp
Part # ZLED7012
Download  ZLED7012 Download
File Size   487.05 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage Four-Channel LED Driver

ZLED7012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZLED7012 Datasheet PDF - Renesas Technology Corp

Part # ZLED7012
Download  ZLED7012 Click to download

File Size   487.05 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage Four-Channel LED Driver

ZLED7012 Datasheet (HTML) - Renesas Technology Corp


ZLED7012 Product details

Features
•Low quiescent current in low-current shutdownmode: 1μA typical; <2μA maximum
•Integrated thermal shutdown protection preventsdamage by shutting down the ZLED7012 if the diejunction temperature exceeds 160°C (typical)
•Fixed charge pump switching frequency: 1MHz (typ.)
•Soft-start feature protects against excessiveinrush current during power-on




Similar Part No. - ZLED7012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7012 ETC2-ZLED7012 Datasheet
448Kb / 16P
Low-Voltage Four-Channel LED Driver
logo
Integrated Device Techn...
ZLED7012 IDT-ZLED7012 Datasheet
313Kb / 14P
Low-Voltage Four-Channel LED Driver
logo
List of Unclassifed Man...
ZLED7012-ZI1R ETC2-ZLED7012-ZI1R Datasheet
448Kb / 16P
Low-Voltage Four-Channel LED Driver
ZLED7012KIT-E1 ETC2-ZLED7012KIT-E1 Datasheet
448Kb / 16P
Low-Voltage Four-Channel LED Driver
logo
Integrated Device Techn...
ZLED7012KIT-E1 IDT-ZLED7012KIT-E1 Datasheet
313Kb / 14P
Low-Voltage Four-Channel LED Driver
More results


Similar Description - ZLED7012

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7615 SIPEX-SP7615 Datasheet
244Kb / 10P
Four Channel Constant Current LED Driver
SP7615 SIPEX-SP7615_06 Datasheet
286Kb / 11P
Four Channel Constant Current LED Driver
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
Four Channel Constant Current LED Driver
logo
Integrated Silicon Solu...
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
ZLED7012 ETC2-ZLED7012 Datasheet
448Kb / 16P
Low-Voltage Four-Channel LED Driver
ZLED7022 ETC2-ZLED7022 Datasheet
433Kb / 16P
Low-Voltage Six-Channel LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
Low-EMI, High-Performance Four-Channel LED Driver
logo
Integrated Device Techn...
ZLED7012 IDT-ZLED7012 Datasheet
313Kb / 14P
Low-Voltage Four-Channel LED Driver
ZLED7022 IDT-ZLED7022 Datasheet
294Kb / 14P
Low-Voltage Six-Channel LED Driver
logo
Integrated Silicon Solu...
IS31BL3212-STLS2-TR ISSI-IS31BL3212-STLS2-TR Datasheet
306Kb / 10P
FOUR CHANNEL CONSTANT CURRENT LED DRIVER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com