Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7012 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZLED7012 Datasheet HTML 1Page - Renesas Technology Corp ZLED7012 Datasheet HTML 2Page - Renesas Technology Corp ZLED7012 Datasheet HTML 3Page - Renesas Technology Corp ZLED7012 Datasheet HTML 4Page - Renesas Technology Corp ZLED7012 Datasheet HTML 5Page - Renesas Technology Corp ZLED7012 Datasheet HTML 6Page - Renesas Technology Corp ZLED7012 Datasheet HTML 7Page - Renesas Technology Corp ZLED7012 Datasheet HTML 8Page - Renesas Technology Corp ZLED7012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Low-Voltage Four-Channel
LED Driver
ZLED7012
Datasheet
© 2016 Integrated Device Technology, Inc.
1
April 20, 2016
Cin
VCC
EN/SET
GND
C+
C-
Cout
2.8 V to 5.5V
Vout
D0
D1
D2
D3
1
2
n
≤ 14
1
μF
2.2
μF
2.2
μF
NC
NC
ZLED7012
Cpump
Brief Description
The ZLED7012, one of our ZLED family of LED control
ICs, is a low-noise, constant-frequency charge pump
DC/DC converter that can drive up to four LED
channels, providing a programmable constant current
level ranging from 1.8mA to 20mA per LED channel. It
can also drive higher current LEDs because its current
sinks can operate in parallel. It enables white or other
color LED applications that require uniform intensity
and/or linear progressions in brightness. Capable of
operating efficiently with DC voltage supplies ranging
from 2.8V to 5.5V, it is ideal for small, battery-powered
applications because very few external components are
needed: typically one small-dimension
1μF capacitor
across the C+ and C- pins and two small-dimension
2.2μF capacitors to GND from the VCC and Vout pins.
The ZLED7012’s Pulse Count Control (PCC) serial digi-
tal input is used to enable/disable the LEDs and set the
current level (14 settings using a nearly logarithmic
scale to provide a linear brightness progression). This
simple, high-speed interface allows efficient real-time
management of LEDs via microcontrollers or control
systems.
The ZLED7012’s features include integrated soft-start
circuitry to protect against excessive in-rush current dur-
ing power-on and a low-current shutdown mode that
reduces quiescent current consumption to approximately
1
μA (typical) by disconnecting the load from the input
when the EN/SET pin is low for a specified time.
Features
• Low quiescent current in low-current shutdown
mode:
1μA typical; <2μA maximum
• Integrated thermal shutdown protection prevents
damage by shutting down the ZLED7012 if the die
junction temperature exceeds 160°C (typical)
• Fixed charge pump switching frequency: 1MHz (typ.)
• Soft-start feature protects against excessive
inrush current during power-on
Benefits
• Current matching accuracy: ±0.9% (typical)
• One-pin on/off or brightness control for up to four
LEDs via a simple PCC serial interface—no pulse-
width modulation or additional control circuit needed
• 14 programmable current levels for achieving real-
time control of effects such as LED fade-out or
sudden changes in brightness
• Low EMI and back-injected noise because the
charge pump is not inductor-based
• Very few external components needed for operation
• Flexible design enables diverse LED applications: up
to 20mA per channel
• LED driver family concept with low-voltage
six-channel LED driver ZLED7022
Available Support
• Evaluation Kit
Physical Characteristics
• Voltage supply: 2.8V to 5.5V DC
• Operating temperature: -40°C to 85°C
• Small footprint 12-pin UTQFN package (2mm×2mm)
ZLED7012 Application Circuit


Similar Part No. - ZLED7012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7012 ETC2-ZLED7012 Datasheet
448Kb / 16P
Low-Voltage Four-Channel LED Driver
logo
Integrated Device Techn...
ZLED7012 IDT-ZLED7012 Datasheet
313Kb / 14P
Low-Voltage Four-Channel LED Driver
logo
List of Unclassifed Man...
ZLED7012-ZI1R ETC2-ZLED7012-ZI1R Datasheet
448Kb / 16P
Low-Voltage Four-Channel LED Driver
ZLED7012KIT-E1 ETC2-ZLED7012KIT-E1 Datasheet
448Kb / 16P
Low-Voltage Four-Channel LED Driver
logo
Integrated Device Techn...
ZLED7012KIT-E1 IDT-ZLED7012KIT-E1 Datasheet
313Kb / 14P
Low-Voltage Four-Channel LED Driver
More results

Similar Description - ZLED7012

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7615 SIPEX-SP7615 Datasheet
244Kb / 10P
Four Channel Constant Current LED Driver
SP7615 SIPEX-SP7615_06 Datasheet
286Kb / 11P
Four Channel Constant Current LED Driver
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
Four Channel Constant Current LED Driver
logo
Integrated Silicon Solu...
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
ZLED7012 ETC2-ZLED7012 Datasheet
448Kb / 16P
Low-Voltage Four-Channel LED Driver
ZLED7022 ETC2-ZLED7022 Datasheet
433Kb / 16P
Low-Voltage Six-Channel LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
Low-EMI, High-Performance Four-Channel LED Driver
logo
Integrated Device Techn...
ZLED7012 IDT-ZLED7012 Datasheet
313Kb / 14P
Low-Voltage Four-Channel LED Driver
ZLED7022 IDT-ZLED7022 Datasheet
294Kb / 14P
Low-Voltage Six-Channel LED Driver
logo
Integrated Silicon Solu...
IS31BL3212-STLS2-TR ISSI-IS31BL3212-STLS2-TR Datasheet
306Kb / 10P
FOUR CHANNEL CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com