Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7012 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZLED7012 Datasheet HTML 1Page - Renesas Technology Corp ZLED7012 Datasheet HTML 2Page - Renesas Technology Corp ZLED7012 Datasheet HTML 3Page - Renesas Technology Corp ZLED7012 Datasheet HTML 4Page - Renesas Technology Corp ZLED7012 Datasheet HTML 5Page - Renesas Technology Corp ZLED7012 Datasheet HTML 6Page - Renesas Technology Corp ZLED7012 Datasheet HTML 7Page - Renesas Technology Corp ZLED7012 Datasheet HTML 8Page - Renesas Technology Corp ZLED7012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Low-Voltage Four-Channel
LED Driver
ZLED7012
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
Typical Applications
 LED backlighting for portable devices
 LED lighting for cell phones, smartphones. PDAs
 Illumination of digital photo frames
 Backlighting for GPS / navigation systems
 Low voltage LED lighting fixtures
 General purpose low-voltage industrial and consumer applications
Charge Pump
Cpump
1µF
C
-
VCC
S1
S3
S4
S2
Vout
EN/SET
R2
Iref <1:14>
S<1:14>
D0 Driver
SD
EN_CP
Vref
D0
D1
D2
D3
Data Processor
Cout
2.2
μF
<D1:D3> Drivers
Vcon
M1
R1
Iout
A
+
-
C
+
ZLED7012
GND
Block Diagram
Ordering Information
Product Sales Code
Description
Package
ZLED7012ZI1R
ZLED7012 – Low-Voltage Four-Channel LED Driver
UTQFN12 (2x2)mm Tape & Reel
ZLED7012KIT-E1
ZLED7012 Evaluation Board
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com