Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7012 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZLED7012 Datasheet HTML 7Page - Renesas Technology Corp ZLED7012 Datasheet HTML 8Page - Renesas Technology Corp ZLED7012 Datasheet HTML 9Page - Renesas Technology Corp ZLED7012 Datasheet HTML 10Page - Renesas Technology Corp ZLED7012 Datasheet HTML 11Page - Renesas Technology Corp ZLED7012 Datasheet HTML 12Page - Renesas Technology Corp ZLED7012 Datasheet HTML 13Page - Renesas Technology Corp ZLED7012 Datasheet HTML 14Page - Renesas Technology Corp ZLED7012 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ZLED7012 Datasheet
© 2016 Integrated Device Technology, Inc.
13
April 20, 2016
A1
A
A2
Side View
Pin 1
D
b
e
E
Bottom View
Table 6.1
Layout Requirements and Pin Descriptions—12-pin UTQFN Package
Pin
Name
No.
Description
D0
1
LED output channel; pin must be used.
Vout
2
Charge pump output that drives load circuits; a
2.2μF (typical) capacitor must be connected from Vout to
GND pin.
Vcc
3
Power supply input; a
2.2μF (minimum) bypass capacitor must be connected from Vcc to GND pin.
C+
4
Positive terminal of external pump capacitor.
C-
5
Negative terminal of external pump capacitor.
EN/SET
6
PCC serial input for enabling/disabling LEDs and setting current levels.
GND
7
Ground.
NC
8
No connection.
NC
9
No connection.
D3
10
LED output; if not used, connect to ground to avoid noise coupling.
D2
11
LED output; if not used, connect to ground to avoid noise coupling.
D1
12
LED output; if not used, connect to ground to avoid noise coupling.
Figure 6.2
UTQFN-12 Package Drawing
Table 6.2
UTQFN-12 Package Dimensions
Symbol
Dimension (mm)
Symbol
Dimension (mm)
Min
Nom
Max
Min
Nom
Max
A
0.50
0.55
0.60
D
1.95
2.00
2.05
A1
0.00
--
0.05
E
1.95
2.00
2.05
A2
0.25
e
0.50
b
0.20
0.25
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com