Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7012 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ZLED7012 Datasheet HTML 1Page - Renesas Technology Corp ZLED7012 Datasheet HTML 2Page - Renesas Technology Corp ZLED7012 Datasheet HTML 3Page - Renesas Technology Corp ZLED7012 Datasheet HTML 4Page - Renesas Technology Corp ZLED7012 Datasheet HTML 5Page - Renesas Technology Corp ZLED7012 Datasheet HTML 6Page - Renesas Technology Corp ZLED7012 Datasheet HTML 7Page - Renesas Technology Corp ZLED7012 Datasheet HTML 8Page - Renesas Technology Corp ZLED7012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ZLED7012 Datasheet
© 2016 Integrated Device Technology, Inc.
4
April 20, 2016
List of Figures
Figure 1.1
Operating Current ICC over Supply Voltage VCC Range (2.8V to 5.5V) at 25°C .............................................. 6
Figure 1.2
LED Current over Supply Voltage VCC Range (2.8V to 5.5V) for Outputs D0:D3 (LED0:LED3) ..................... 7
Figure 1.3
Shutdown Current ISD over Supply Voltage VCC Range (2.8V to 5.5V) ........................................................... 7
Figure 1.4
Current ICC over Temperature Range (-40°C to +85°C).................................................................................. 7
Figure 1.5
Efficiency (%) over the VCC Range (2.8V to 5.5V) at 25°C ............................................................................. 8
Figure 2.1
PCC Serial Digital Interface Signal Timing ................................................................................................... 10
Figure 4.1
Basic Application Circuit using D2:D0 .......................................................................................................... 11
Figure 6.1
Pin Configuration ZLED7012 – Top View ..................................................................................................... 12
Figure 6.2
UTQFN-12 Package Drawing ....................................................................................................................... 13
List of Tables
Table 2.1
Current Output Settings.................................................................................................................................. 9
Table 6.1
Layout Requirements and Pin Descriptions—12-pin UTQFN Package ........................................................ 13
Table 6.2
UTQFN-12 Package Dimensions ................................................................................................................. 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com