Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1FLEX Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD1FLEX Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD1FLEX
Download  PESD1FLEX Download
File Size   210.88 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description FlexRay bus ESD protection diode

PESD1FLEX Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD1FLEX Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD1FLEX
Download  PESD1FLEX Click to download

File Size   210.88 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description FlexRay bus ESD protection diode

PESD1FLEX Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD1FLEX Product details

1. General description
PESD1FLEX in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package
designed to protect two automotive FlexRay bus lines from the damage caused by ElectroStatic
Discharge (ESD) and other transients.

2. Features and benefits
• Due to the integrated diode structure only one small SOT23 package is needed to protect two
FlexRay bus lines
• Max. peak pulse power: PPPM = 200 W at tp = 8/20 μs
• Low clamping voltage: VCL = 40 V at IPP = 1 A
• Ultra low leakage current: IRM = 1 nA
• Typ. diode capacitance matching: ΔCd/Cd = 0.1 %
• ESD protection up to 23 kV
• IEC 61000-4-2, level 4 (ESD)
• IEC 61000-4-5 (surge); IPPM = 3 A at tp = 8/20 μs
• Small SMD plastic package
• AEC-Q101 qualified

3. Applications
• FlexRay bus protection
• Automotive applications




Similar Part No. - PESD1FLEX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1FLEX NXP-PESD1FLEX Datasheet
97Kb / 12P
FlexRay bus ESD protection diode
Rev. 02-15 February 2008
logo
Protek Devices
PESD1FLEX PROTEC-PESD1FLEX_15 Datasheet
373Kb / 6P
SOT-23 PACKGE
More results


Similar Description - PESD1FLEX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
LIN bus ESD protection diode
Rev. 02-12 November 2008
PESD1FLEX NXP-PESD1FLEX Datasheet
97Kb / 12P
FlexRay bus ESD protection diode
Rev. 02-15 February 2008
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
Diodes Incorporated
DESD1FLEX2SOQ DIODES-DESD1FLEX2SOQ Datasheet
375Kb / 5P
FLEXRAY BUS ESD PROTECTION DIODE
Rev 1
DESD2FLEX2SOQ DIODES-DESD2FLEX2SOQ Datasheet
323Kb / 5P
FLEXRAY BUS ESD PROTECTION DIODE
Rev 2
logo
Protek Devices
PESD2402 PROTEC-PESD2402 Datasheet
356Kb / 6P
CAN BUS ESD PROTECTION DIODE
logo
TECH PUBLIC Electronics...
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
Can bus Esd Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com