Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1FLEX Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PESD1FLEX
Description  FlexRay bus ESD protection diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD1FLEX Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PESD1FLEX Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Nexperia
PESD1FLEX
FlexRay bus ESD protection diode
9. Characteristics
Table 6. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
Tamb = 25 °C
[1]
-
-
24
V
VBR
breakdown voltage
IR = 5 mA; Tamb = 25 °C
[1]
25.4
27.8
30.3
V
IRM
reverse leakage current VRWM = 24 V; Tamb = 25 °C
[1]
-
1
50
nA
Cd
diode capacitance
[1]
-
11
17
pF
f = 1 MHz; VR = 0 V; Tamb = 25 °C
[2]
-
0.1
-
%
ΔCd/Cd
diode capacitance
matching
f = 1 MHz; VR = 2.5 V; Tamb = 25 °C
[2]
-
0.1
-
%
IPP = 1 A; tp = 8/20 µs; Tamb = 25 °C
[3] [1] -
-
40
V
VCL
clamping voltage
IPPM = 3 A; tp = 8/20 µs; Tamb = 25 °C
[3] [1] -
-
70
V
Rdiff
differential resistance
IR = 1 mA; Tamb = 25 °C
[1]
-
-
300
Ω
[1] Measured from pin 1 or 2 to pin 3.
[2] ∆Cd is the difference of the capacitance measured between pin 1 and pin 3 and the capacitance measured between pin 2 and pin 3.
[3] Non-repetitive current pulse 8/20 µs exponential decay waveform according to IEC 61000-4-5.
006aaa257
103
102
104
PPP
(W)
10
tp (µs)
1
104
103
10
102
Tamb = 25 °C
Fig. 3. Peak pulse power as a function of exponential
pulse duration; typical values
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
PPP
0
PPP(25°C)
Fig. 4. Relative variation of peak pulse power as a
function of junction temperature; typical values
PESD1FLEX
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
7 November 2021
4 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com