Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1FLEX Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PESD1FLEX
Description  FlexRay bus ESD protection diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD1FLEX Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PESD1FLEX Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PESD1FLEX
FlexRay bus ESD protection diode
7 November 2021
Product data sheet
1. General description
PESD1FLEX in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package
designed to protect two automotive FlexRay bus lines from the damage caused by ElectroStatic
Discharge (ESD) and other transients.
2. Features and benefits
• Due to the integrated diode structure only one small SOT23 package is needed to protect two
FlexRay bus lines
• Max. peak pulse power: PPPM = 200 W at tp = 8/20 µs
• Low clamping voltage: VCL = 40 V at IPP = 1 A
• Ultra low leakage current: IRM = 1 nA
• Typ. diode capacitance matching: ΔCd/Cd = 0.1 %
• ESD protection up to 23 kV
• IEC 61000-4-2, level 4 (ESD)
• IEC 61000-4-5 (surge); IPPM = 3 A at tp = 8/20 µs
• Small SMD plastic package
• AEC-Q101 qualified
3. Applications
• FlexRay bus protection
• Automotive applications
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
Tamb = 25 °C
[1]
-
-
24
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V; Tamb = 25 °C
[1]
-
11
17
pF
[1] Measured from pin 1 or 2 to pin 3.


Similar Part No. - PESD1FLEX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1FLEX NXP-PESD1FLEX Datasheet
97Kb / 12P
FlexRay bus ESD protection diode
Rev. 02-15 February 2008
logo
Protek Devices
PESD1FLEX PROTEC-PESD1FLEX_15 Datasheet
373Kb / 6P
SOT-23 PACKGE
More results

Similar Description - PESD1FLEX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
LIN bus ESD protection diode
Rev. 02-12 November 2008
PESD1FLEX NXP-PESD1FLEX Datasheet
97Kb / 12P
FlexRay bus ESD protection diode
Rev. 02-15 February 2008
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
Diodes Incorporated
DESD1FLEX2SOQ DIODES-DESD1FLEX2SOQ Datasheet
375Kb / 5P
FLEXRAY BUS ESD PROTECTION DIODE
Rev 1
DESD2FLEX2SOQ DIODES-DESD2FLEX2SOQ Datasheet
323Kb / 5P
FLEXRAY BUS ESD PROTECTION DIODE
Rev 2
logo
Protek Devices
PESD2402 PROTEC-PESD2402 Datasheet
356Kb / 6P
CAN BUS ESD PROTECTION DIODE
logo
TECH PUBLIC Electronics...
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
Can bus Esd Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com