Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1FLEX Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PESD1FLEX
Description  FlexRay bus ESD protection diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD1FLEX Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PESD1FLEX Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD1FLEX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
PESD1FLEX
FlexRay bus ESD protection diode
VR (V)
0
25
20
10
15
5
006aaa258
8
12
4
16
20
Cd
(pF)
0
f = 1 MHz; Tamb = 25 °C
Fig. 5. Diode capacitance as a function of reverse
voltage; typical values
006aaa676
-VCL -VBR -VRWM
VCL
VBR
VRWM
-IRM
IRM
-IR
IR
-IPP
IPP
-
+
Fig. 6. V-I characteristics for a bidirectional ESD
protection diode
PESD1FLEX
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
7 November 2021
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com