Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA4486UCX Datasheet (PDF) - ON Semiconductor

FSA4486UCX Datasheet PDF - ON Semiconductor
Part # FSA4486UCX
Download  FSA4486UCX Download
File Size   526.75 Kbytes
Page   29 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description USB Type-C Analog Audio Switch with Protection Function

FSA4486UCX Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA4486UCX Datasheet PDF - ON Semiconductor

Part # FSA4486UCX
Download  FSA4486UCX Click to download

File Size   526.75 Kbytes
Page   29 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description USB Type-C Analog Audio Switch with Protection Function

FSA4486UCX Datasheet (HTML) - ON Semiconductor


FSA4486UCX Product details

Description
FSA4486 is a high−performance USB Type−C port multimedia
switch which supports analog audio headsets. FSA4486 allows the
sharing of a common USB Type−C port to pass USB2.0 signal, analog
audio, sideband use wires and analog microphone signal. FSA4486
also supports high voltage on SBU port and USB port on USB Type−C
receptacle side.

Features
• Power Supply: VCC, 2.7 V to 5.5 V
• VCC Range from 2.7 V to 5.5 V (Primary)
• OVP Function on Common Node Pins
• Over Current Protection for Analog Ground Switch
• Analog Audio Device Unplug Detection and Can Be Used as General Comparator Also
• 20 V DC Tolerance on Connector Side Pins: DP_R, DN_L, GBSUx, SBUx
• 20 V DC Tolerance on CC_IN
• High Performance Audio/USB SW:
♦ Audio SW, THD+N < −110 dB; 1 VRMS, 32  Load;
♦ USB SW, BW: 900 MHz
• 300 m (Typical) Sense to GSBUx on Resistance
• 50 m (Typical) SBUx to AGND on Resistance
• Moisture/Resistance Detection on DP_R, DN_L and SBUx
• 1.2v/1.8v Capable I2C Interface
• 1:3 USB Switch with Third Data Path
• Two I2C Address
• This is a Pb−Free Device

Applications
• Mobile Phone, Tablet, Notebook PC, Media Player




Similar Part No. - FSA4486UCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA4480 ONSEMI-FSA4480 Datasheet
257Kb / 29P
USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FSA4480UCX ONSEMI-FSA4480UCX Datasheet
257Kb / 29P
USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FSA4485 ONSEMI-FSA4485 Datasheet
859Kb / 31P
USB Type-C Analog Audio Switch with Over Voltage Protection
January, 2021 - Rev. 0
FSA4485UCX ONSEMI-FSA4485UCX Datasheet
859Kb / 31P
USB Type-C Analog Audio Switch with Over Voltage Protection
January, 2021 - Rev. 0
More results


Similar Description - FSA4486UCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA4476 ONSEMI-FSA4476 Datasheet
643Kb / 15P
USB Type-C analog audio switch
May 2017 Rev. 1.3 .2
logo
Maxim Integrated Produc...
MAX20328 MAXIM-MAX20328 Datasheet
1Mb / 43P
MUX Switch for USB Type-C Audio Adapter Accessories
Rev 0; 3/18
logo
ON Semiconductor
FSA4480 ONSEMI-FSA4480 Datasheet
257Kb / 29P
USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
USB type-C port protection
06-Sep-2019
logo
ON Semiconductor
FSA1153 ONSEMI-FSA1153 Datasheet
285Kb / 11P
DP3T USB Type C Audio andUART Analog Switch with OVP
December, 2018 ??Rev. 1
FSUSB242UCX-Z002 ONSEMI-FSUSB242UCX-Z002 Datasheet
509Kb / 12P
FSUSB242 Type-C USB Port Protection Switch
June, 2022 - Rev. 0
FSA4485 ONSEMI-FSA4485 Datasheet
859Kb / 31P
USB Type-C Analog Audio Switch with Over Voltage Protection
January, 2021 - Rev. 0
logo
Silicon Mitus, Inc.
SM5360 SILICONMITUS-SM5360 Datasheet
231Kb / 2P
USB Type-C VBUS Combo Switch with Protection
July 2021- Rev. 1.0.1
SM5362 SILICONMITUS-SM5362 Datasheet
218Kb / 2P
USB Type-C High Voltage Load Switch with Protection
July 2021- Rev. 0.0.2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com