Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D15V0X1B2LP Datasheet (PDF) - Diodes Incorporated

D15V0X1B2LP Datasheet PDF - Diodes Incorporated
Part # D15V0X1B2LP
Download  D15V0X1B2LP Download
File Size   282.3 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE

D15V0X1B2LP Datasheet (PDF)

Go To PDF Page Download Datasheet
D15V0X1B2LP Datasheet PDF - Diodes Incorporated

Part # D15V0X1B2LP
Download  D15V0X1B2LP Click to download

File Size   282.3 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE

D15V0X1B2LP Datasheet (HTML) - Diodes Incorporated


D15V0X1B2LP Product details

Features
 Low Profile Package (0.53mm Max) and Ultra-Small PCB
Footprint Area (1.08mm x 0.68mm Max) Suitable for Compact
Portable Electronics
 Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±24kV, Contact ±20kV
 One Channel of ESD Protection
 Low Channel Input Capacitance
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 Cellular Handsets
 Portable Electronics
 Computers and Peripheral




Similar Part No. - D15V0X1B2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D15V0X1B2LPQ DIODES-D15V0X1B2LPQ Datasheet
338Kb / 5P
15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
February 2020 Rev.1 - 2
D15V0X1B2LPQ-7B DIODES-D15V0X1B2LPQ-7B Datasheet
338Kb / 5P
15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
February 2020 Rev.1 - 2
More results


Similar Description - D15V0X1B2LP

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC0342P LEIDITECH-ULC0342P Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
BDFN2C051UF LEIDITECH-BDFN2C051UF Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
CDDFN2-T5.0LC LEIDITECH-CDDFN2-T5.0LC Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
CPDQC5V0SC-HF LEIDITECH-CPDQC5V0SC-HF Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
ESD112-B1-02EL LEIDITECH-ESD112-B1-02EL Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
ESD5V0B03-1006 LEIDITECH-ESD5V0B03-1006 Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
ESDAXLC6-1BT2 LEIDITECH-ESDAXLC6-1BT2 Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
PESDMC2FD5VB LEIDITECH-PESDMC2FD5VB Datasheet
2Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
PESDSC2FD5VB LEIDITECH-PESDSC2FD5VB Datasheet
2Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
Diodes Incorporated
D15V0X1B2LPQ DIODES-D15V0X1B2LPQ Datasheet
338Kb / 5P
15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
February 2020 Rev.1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com