Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D15V0X1B2LP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # D15V0X1B2LP
Description  15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D15V0X1B2LP Datasheet(HTML) 4 Page - Diodes Incorporated

  D15V0X1B2LP Datasheet HTML 1Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 2Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 3Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 4Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D15V0X1B2LP
Document number: DS40836 Rev.1 - 2
4 of 5
www.diodes.com
January 2019
© Diodes Incorporated
D15V0X1B2LP
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-2
X1-DFN1006-2
Dim
Min
Max Typ
A
0.47 0.53 0.50
A1
0
0.05 0.03
b
0.45 0.55 0.50
D
0.95 1.075 1.00
E
0.55 0.675 0.60
e
-
-
0.40
L
0.20 0.30 0.25
R
0.05 0.15 0.10
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-2
Dimensions
Value
(in mm)
C
0.70
G
0.30
X
0.40
X1
1.10
Y
0.70
L
E
b
R
e
D
A1
A
X1
Y
C
X
G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com