Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D15V0X1B2LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D15V0X1B2LP
Description  15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D15V0X1B2LP Datasheet(HTML) 3 Page - Diodes Incorporated

  D15V0X1B2LP Datasheet HTML 1Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 2Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 3Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 4Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D15V0X1B2LP
Document number: DS40836 Rev.1 - 2
3 of 5
www.diodes.com
January 2019
© Diodes Incorporated
D15V0X1B2LP
T , AMBIENT TEMPERATURE (癈 )
Figure 1 Power Derating Curve
A
25
50
75
100
125
150
0
175
0
25
50
75
100
125
150
175
200
225
250
Note 5
0
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (癈 )
Figure 2 Pulse Derating Curve
A
0
100
25
75
175 200
0
t, TIME (祍)
Figure 3 Pulse Waveform
20
40
60
100
50
0
Peak Value Ipp
Half Value I /2
pp
8x20 Waveform
as defined by R.E.A.
15
17
19
21
23
25
27
0
1
2
3
4
5
6
CURRENT FROM I/O TO V
SS (A)
Figure 5 Clamping Voltage Characteristic
IEC61000-4-5
(Lighting)
0.3
0.4
0.5
0.6
0.0
5.0
10.0
15.0
20.0
V
R, REVERSE VOLTAGE (V)
Figure 6 Typical Total Capacitance
I/O to V
SS
f=1MHz
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
VOLTAGE FROM I/O to V
SS (V)
Figure 4 Current vs. Voltage
(°C)
(°C)
(µs)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com