Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D15V0X1B2LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D15V0X1B2LP
Description  15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D15V0X1B2LP Datasheet(HTML) 1 Page - Diodes Incorporated

  D15V0X1B2LP Datasheet HTML 1Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 2Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 3Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 4Page - Diodes Incorporated D15V0X1B2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D15V0X1B2LP
Document number: DS40836 Rev.1 - 2
1 of 5
www.diodes.com
January 2019
© Diodes Incorporated
D15V0X1B2LP
15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Product Summary
VBR (Min)
IPP (Max)
CT (Typ)
16.5V
5A
0.55pF
Description
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD. The combination of small size and high
ESD surge capability makes it ideal for use in portable applications
such as cellular phones, digital cameras, and MP3 players.
Applications
Cellular Handsets
Portable Electronics
Computers and Peripheral
Features
Low Profile Package (0.53mm Max) and Ultra-Small PCB
Footprint Area (1.08mm x 0.68mm Max) Suitable for Compact
Portable Electronics
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±24kV, Contact ±20kV
One Channel of ESD Protection
Low Channel Input Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X1-DFN1006-2
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper Leadframe. Solderable per MIL-
STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
D15V0X1B2LP-7B
Standard
ZH
7
8
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Gre
en” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Device Schematic
Bottom View
X1-DFN1006-2
RJ
ZH = Product Type Marking Code
Bar Denotes Pin 1
ZH
e4


Similar Part No. - D15V0X1B2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D15V0X1B2LPQ DIODES-D15V0X1B2LPQ Datasheet
338Kb / 5P
15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
February 2020 Rev.1 - 2
D15V0X1B2LPQ-7B DIODES-D15V0X1B2LPQ-7B Datasheet
338Kb / 5P
15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
February 2020 Rev.1 - 2
More results

Similar Description - D15V0X1B2LP

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC0342P LEIDITECH-ULC0342P Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
BDFN2C051UF LEIDITECH-BDFN2C051UF Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
CDDFN2-T5.0LC LEIDITECH-CDDFN2-T5.0LC Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
CPDQC5V0SC-HF LEIDITECH-CPDQC5V0SC-HF Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
ESD112-B1-02EL LEIDITECH-ESD112-B1-02EL Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
ESD5V0B03-1006 LEIDITECH-ESD5V0B03-1006 Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
ESDAXLC6-1BT2 LEIDITECH-ESDAXLC6-1BT2 Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
PESDMC2FD5VB LEIDITECH-PESDMC2FD5VB Datasheet
2Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
PESDSC2FD5VB LEIDITECH-PESDSC2FD5VB Datasheet
2Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
Diodes Incorporated
D15V0X1B2LPQ DIODES-D15V0X1B2LPQ Datasheet
338Kb / 5P
15V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
February 2020 Rev.1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com