Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST163223PV Datasheet (PDF) - Renesas Technology Corp

74FST163223PV Datasheet PDF - Renesas Technology Corp
Part # 74FST163223PV
Download  74FST163223PV Download
File Size   528.57 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT 2:1 MUX/DEMUX SWITCH

74FST163223PV Datasheet (PDF)

Go To PDF Page Download Datasheet
74FST163223PV Datasheet PDF - Renesas Technology Corp

Part # 74FST163223PV
Download  74FST163223PV Click to download

File Size   528.57 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT 2:1 MUX/DEMUX SWITCH

74FST163223PV Datasheet (HTML) - Renesas Technology Corp


74FST163223PV Product details

FEATURES:
• Bus switches provide zero delay paths
• Low switch on-resistance
• TTL-compatible input and output levels
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• Hot insertion capability
• Very low power dissipation
• Available in SSOP and TSSOP packages




Similar Part No. - 74FST163223PV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3125 ONSEMI-74FST3125 Datasheet
99Kb / 8P
4-Bit Bus Switch
January, 2005 ??Rev. 2
74FST3125 ONSEMI-74FST3125 Datasheet
196Kb / 7P
4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3125 ONSEMI-74FST3125 Datasheet
124Kb / 7P
4-Bit Bus Switch
June, 2013 ??Rev. 0
74FST3125D ONSEMI-74FST3125D Datasheet
99Kb / 8P
4-Bit Bus Switch
January, 2005 ??Rev. 2
74FST3125D ONSEMI-74FST3125D Datasheet
196Kb / 7P
4?묪it Bus Switch
June, 2006 ??Rev. 3
More results


Similar Description - 74FST163223PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
12-BIT 3:1 MUX/DEMUX SWITCH
IDT74FST163232 IDT-IDT74FST163232 Datasheet
88Kb / 6P
16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
16-BIT 2:1 MUX/DEMUX SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
SOTiny??2:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
SOTiny 2:1 Mux/DeMux Bus Switch
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com