Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST163223PV Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 74FST163223PV
Description  16-BIT 2:1 MUX/DEMUX SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FST163223PV Datasheet(HTML) 5 Page - Renesas Technology Corp

  74FST163223PV Datasheet HTML 1Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 2Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 3Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 4Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 5Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 6Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 7Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
INDUSTRIALTEMPERATURERANGE
IDT74FST163233
16-BIT 2:1 MUX/DEMUX SWITCH
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Industrial: TA = -40°C to +85°C, VCC = 5.0V ± 10%
VCC = 5V ± 10%
VCC = 4V
Symbol
Description(1)
Min.
Typ.
Max.
Min.
Max.
Unit
tPLH
Data Propagation Delay
—
—
0.25
—
0.25
ns
tPHL
A to B, B to A(2)
tBX
Switch Multiplex Delay
1.5
—
6.5
—
7
ns
SEL to A
tPZH
Switch CONNECT Delay
1.5
—
6.5
—
7
ns
tPZL
SEL, TEST to B
tPHZ
Switch DISCONNECT Delay
1.5
—
7
—
7
ns
tPLZ
SEL, TEST to B
|QCI|
Charge Injection During Switch DISCONNECT
—
1.5
—
—
—
pC
TEST to A or B(3)
|QDCI|
Differential Charge Injection During Multiplexer Switching
—
0.5
—
—
—
pC
SEL to A or B(3)
NOTES:
1. See test circuits and waveforms.
2. The bus switch contributes no Propagation Delay other than the RC Delay of the load interacting with the RC of the switch.
3.
|QCI| is the charge injection for a single switch DISCONNECT and applies to either single switches or multiplexers. |QDCI| is the charge injection for a multiplexer as
the multiplexed port switches from one path to another. Charge injection is reduced because the injection from the DISCONNECT of the first path is compensated by
the CONNECT of the second path.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com