Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST163223PV Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 74FST163223PV
Description  16-BIT 2:1 MUX/DEMUX SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FST163223PV Datasheet(HTML) 3 Page - Renesas Technology Corp

  74FST163223PV Datasheet HTML 1Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 2Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 3Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 4Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 5Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 6Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 7Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
INDUSTRIALTEMPERATURERANGE
IDT74FST163233
16-BIT 2:1 MUX/DEMUX SWITCH
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Control Input HIGH Voltage
Guaranteed Logic HIGH for Control Inputs
2
—
—
V
VIL
Control Input LOW Voltage
Guaranteed Logic LOW for Control Inputs
—
—
0.8
V
IIH
Control Input HIGH Current
VCC = Max.
VI = VCC
——
±1µ A
IIL
Control Input LOW Current
VI = GND
—
—
±1
IOZH
Current During
VCC = Max., VO = 0 to 5V
—
—
±1µ A
IOZL
Bus Switch Disconnect
—
—
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
—
–0.7
–1.2
V
IOFF
Switch Power Off Leakage
VCC = 0V, VIN or VO
≤ 5.5V
—
—
±1µ A
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
—
0.1
3
µ A
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ± 10%
BUS SWITCH IMPEDANCE OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Industrial: TA = -40°C to +85°C, VCC = 5.0V ±10%
Symbol
Parameter
Test Conditions
Min.
Typ.
(1)
Max.
Unit
RON
Switch On Resistance(2)
Vcc = Min., VIN = 0V, ION = 12mA
—
5
7
Ω
Vcc = Min., VIN = 2.4V, ION = 8mA
—
10
15
IOS
Short Circuit Current, A to B(3)
A(B) = 0V, B(A) = Vcc
100
—
—
mA
NOTES:
1. Typical values are at Vcc = 5.0V, +25°C ambient.
2. The voltage drop between the indicated ports divided by the current through the switch.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com