Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST163223PV Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74FST163223PV
Description  16-BIT 2:1 MUX/DEMUX SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FST163223PV Datasheet(HTML) 2 Page - Renesas Technology Corp

  74FST163223PV Datasheet HTML 1Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 2Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 3Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 4Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 5Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 6Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 7Page - Renesas Technology Corp 74FST163223PV Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74FST163233
16-BIT 2:1 MUX/DEMUX SWITCH
SSOP/ TSSOP
TOP VIEW
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2)
Terminal Voltage with Respect to GND
–0.5 to +7
V
TSTG
Storage Temperature
–65 to +150
° C
IOUT
Maximum Continuous Channel Current
128
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Vcc, Control, and Switch terminals.
Pin Names
I/O
Description
A, 1B, 2B
I/O
Buses A, 1B, 2B
SEL0, 1
I
Control Pins for MUX and Switch Enable Functions
TEST0, 1
PIN DESCRIPTION
Symbol
Parameter
Conditions
(2)
Typ.
Unit
CIN
Control Input Capacitance
6
pF
CI/O
Switch Input/Output
A Port
Switch Off
17
pF
Capacitance
B Port
Switch Off
12
CAPACITANCE(1)
NOTES:
1. Capacitance is characterized but not tested.
2. TA = 25°C, f = 1MHz, VIN = 0V, VOUT = 0V.
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = DOn't Care
FUNCTION TABLE(1)
SEL0
TEST0
Description
L
L
0A to 1B
H
L
0A to 2B
X
H
0A to 1B and 0A to 2B
SEL1
TEST1
Description
L
L
1A to 1B
H
L
1A to 2B
X
H
1A to 1B and 1A to 2B
5
6
7
8
9
10
1
2
3
4
54
53
52
51
50
49
48
47
46
45
0A7
1B2
2B2
0A3
1B4
2B4
0A5
1B6
2B6
0A2
1B3
2B3
0A4
1B5
0A6
1B7
1B1
2B1
1B8
11
12
55
56
2B8
2B7
0A8
17
18
19
20
21
22
13
14
15
16
42
41
40
39
38
37
36
35
34
33
1B14
VCC
1A9
1B10
GND
2B10
1A11
1B12
2B12
1A13
1B9
2B9
1A10
1B11
2B11
1A12
1B13
2B13
GND
VCC
2B14
23
24
43
44
1A15
1A14
1B15
25
26
32
31
30
29
2B16
1B16
2B15
1A16
TEST0
27
28
TEST1
SEL0
SEL1
0A1
2B5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com