Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

507M-01 Datasheet (PDF) - Renesas Technology Corp

507M-01 Datasheet PDF - Renesas Technology Corp
Part # 507M-01
Download  507M-01 Download
File Size   324.46 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PECL CLOCK SYNTHESIZER

507M-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
507M-01 Datasheet PDF - Renesas Technology Corp

Part # 507M-01
Download  507M-01 Click to download

File Size   324.46 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PECL CLOCK SYNTHESIZER

507M-01 Datasheet (HTML) - Renesas Technology Corp


507M-01 Product details

Features
• Packaged in 16 pin SOIC
• Available in Pb (lead) free package
• Input crystal frequency of 5 - 27 MHz
• Input clock frequency of 5 - 52 MHz
• Enable usage of common low-cost crystal
• Differential PECL output clock frequencies up to 200
MHz
• Duty cycle of 49/51
• Operation voltage of 3.3 V or 5.0 V (±5%)
• Ideal for SONET applications and oscillator
manufacturers
• Available in die form
• Industrial temperature versions available
• ICS507-02 is no longer available




Similar Part No. - 507M-01

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
507MDCL112KHK ILLINOISCAPACITOR-507MDCL112KHK Datasheet
195Kb / 4P
Male/female lead styles - High voltage/current ??Low ESR
507MDCL112KKG ILLINOISCAPACITOR-507MDCL112KKG Datasheet
195Kb / 4P
Male/female lead styles - High voltage/current ??Low ESR
More results


Similar Description - 507M-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS507-01 ICST-ICS507-01 Datasheet
49Kb / 5P
PECL Clock Synthesizer
Revision 042600
logo
Motorola, Inc
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
800 MHz Low Voltage PECL Clock Synthesizer
logo
List of Unclassifed Man...
NB4N507A ETC-NB4N507A Datasheet
131Kb / 7P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
logo
Motorola, Inc
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_06 Datasheet
124Kb / 7P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
November, 2006 ??Rev. 2
logo
Integrated Device Techn...
MPC9230 IDT-MPC9230 Datasheet
800Kb / 16P
800MHz Low Voltage PECL Clock Synthesizer
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_09 Datasheet
134Kb / 8P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
logo
Renesas Technology Corp
MPC9229 RENESAS-MPC9229 Datasheet
532Kb / 15P
400MHz Low Voltage PECL Clock Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com