Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS548-05 Datasheet (PDF) - Renesas Technology Corp

ICS548-05 Datasheet PDF - Renesas Technology Corp
Part # ICS548-05
Download  ICS548-05 Download
File Size   250.43 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description T1/E1 CLOCK MULTIPLIER

ICS548-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS548-05 Datasheet PDF - Renesas Technology Corp

Part # ICS548-05
Download  ICS548-05 Click to download

File Size   250.43 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description T1/E1 CLOCK MULTIPLIER

ICS548-05 Datasheet (HTML) - Renesas Technology Corp


ICS548-05 Product details

Features
• Packaged in 16-pin TSSOP
• Available in Pb (lead) free package
• Ideal for telecom/datacom chips
• Replaces oscillators
• 3.3 V or 5 V operation
• Uses a crystal or clock input
• Produces 24.704, 37.056, 32.768, or 49.152 MHz
• Includes Power-down features
• Advanced, low-power, sub-micron CMOS process
• See also the MK2049-34 for generating
• Industrial temperature range available




Similar Part No. - ICS548-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS548-05AII ICST-ICS548-05AII Datasheet
71Kb / 4P
MP3 Audio Clock
Revision 032900
More results


Similar Description - ICS548-05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8001 EXAR-XRT8001 Datasheet
1Mb / 48P
WAN Clock for T1 and E1 Systems
logo
Zarlink Semiconductor I...
MT9040 ZARLINK-MT9040 Datasheet
424Kb / 27P
T1/E1 Synchronizer
logo
Cypress Semiconductor
CY26200 CYPRESS-CY26200 Datasheet
94Kb / 5P
T1/E1 Clock Generator
logo
Bourns Electronic Solut...
SM75056 BOURNS-SM75056 Datasheet
237Kb / 1P
T1/E1 Transformer
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
Cypress Semiconductor
CY26200 CYPRESS-CY26200_05 Datasheet
94Kb / 5P
T1/E1 Clock Generator
logo
Rhombus Industries Inc.
T-16100 RHOMBUS-IND-T-16100 Datasheet
70Kb / 2P
T1 / E1 / ISDN PRI Quad T1/E1
logo
PCA ELECTRONICS INC.
EPA3529S PCA-EPA3529S Datasheet
21Kb / 1P
T1/E1 Transformer
EPR1501S PCA-EPR1501S Datasheet
44Kb / 1P
T1/E1 Transformers
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com