Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS548-05 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS548-05
Description  T1/E1 CLOCK MULTIPLIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS548-05 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS548-05 Datasheet HTML 1Page - Renesas Technology Corp ICS548-05 Datasheet HTML 2Page - Renesas Technology Corp ICS548-05 Datasheet HTML 3Page - Renesas Technology Corp ICS548-05 Datasheet HTML 4Page - Renesas Technology Corp ICS548-05 Datasheet HTML 5Page - Renesas Technology Corp ICS548-05 Datasheet HTML 6Page - Renesas Technology Corp ICS548-05 Datasheet HTML 7Page - Renesas Technology Corp ICS548-05 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICS548-05
T1/E1 CLOCK MULTIPLIER
CLOCK SYNTHESIZER
IDT® T1/E1 CLOCK MULTIPLIER
5
ICS548-05
REV D 091511
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +70
° C
Thermal Characteristics
Short Circuit Current
IOS
CLK output
±50
mA
Input Capacitance
MSEL, PDCLK,
REFEN
7pF
Frequency Synthesis Error
Both selections
0
ppm
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Crystal or Clock
Frequency
1.544 or
2.048
MHz
Output Clock Rise Time
tOR
20% to 80%
1.5
ns
Output Clock Fall Time
tOF
80% to 20%
1.5
ns
Output Clock Rise Time
tOR
20% to 80%,
TA = -40 to +85
° C
1.7
ns
Output Clock Fall Time
tOF
80% to 20%,
TA = -40 to +85
° C
1.7
ns
Output Clock Duty Cycle
tOD
At VDD/2
40
50
60
%
Start-up Time
VDD = 3.3 V to CLK
stable
10
ms
Maximum Absolute Jitter,
short term
±100
ps
Maximum Absolute Jitter,
short term
TA = -40 to +85
° C±150
ps
One Sigma Jitter
25
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
78
° C/W
θJA
1 m/s air flow
70
° C/W
θJA
3 m/s air flow
68
° C/W
Thermal Resistance Junction to Case
θJC
37
° C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com