Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS548-05 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS548-05
Description  T1/E1 CLOCK MULTIPLIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS548-05 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS548-05 Datasheet HTML 1Page - Renesas Technology Corp ICS548-05 Datasheet HTML 2Page - Renesas Technology Corp ICS548-05 Datasheet HTML 3Page - Renesas Technology Corp ICS548-05 Datasheet HTML 4Page - Renesas Technology Corp ICS548-05 Datasheet HTML 5Page - Renesas Technology Corp ICS548-05 Datasheet HTML 6Page - Renesas Technology Corp ICS548-05 Datasheet HTML 7Page - Renesas Technology Corp ICS548-05 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS548-05
T1/E1 CLOCK MULTIPLIER
CLOCK SYNTHESIZER
IDT® T1/E1 CLOCK MULTIPLIER
4
ICS548-05
REV D 091511
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS548-05. These ratings,
which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +70
° C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (commercial)
0 to +70
° C
Ambient Operating Temperature (industrial)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.15
5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Core Operating Voltage
VDD
3.15
5.5
V
Input High Voltage
VIH
X1/ICLK pin, clock
input only
(VDD/2)+1
VDD/2
V
Input Low Voltage
VIL
X1/ICLK pin, clock
input only
VDD/2
(VDD/2)-1
V
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -4 mA
2.4
V
Output High Voltage
VOH
CMOS level,
IOH = -4 mA
VDD-0.4
V
Output Low Voltage
VOL
IOL = 4 mA
0.4
V
Supply Current
IDD
No Load
5
mA
Power Down Supply
Current
IDDPD
No Load
1
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com