Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS548-05 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS548-05
Description  T1/E1 CLOCK MULTIPLIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS548-05 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS548-05 Datasheet HTML 1Page - Renesas Technology Corp ICS548-05 Datasheet HTML 2Page - Renesas Technology Corp ICS548-05 Datasheet HTML 3Page - Renesas Technology Corp ICS548-05 Datasheet HTML 4Page - Renesas Technology Corp ICS548-05 Datasheet HTML 5Page - Renesas Technology Corp ICS548-05 Datasheet HTML 6Page - Renesas Technology Corp ICS548-05 Datasheet HTML 7Page - Renesas Technology Corp ICS548-05 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
T1/E1 CLOCK MULTIPLIER
ICS548-05
IDT® T1/E1 CLOCK MULTIPLIER
1
ICS548-05
REV D 091511
Description
The ICS548-05 is a low-cost, low-jitter,
high-performace clock synthesizer designed to
produce x16 and x24 clocks from T1 and E1
frequencies. Using IDT’s patented analog/digital
Phase- Locked Loop (PLL) techniques, the device uses
a crystal or clock input to synthesize popular
communications frequencies. Power down modes allow
the chip to turn off completely, or the PLL and clock
output to be turned off separately.
IDT manuafactures the largest variety of
communications clock synthesizers for all applications.
Consult IDT to eliminate VCXO’s, crystals, and
oscillators from your board.
Features
• Packaged in 16-pin TSSOP
• Available in Pb (lead) free package
• Ideal for telecom/datacom chips
• Replaces oscillators
• 3.3 V or 5 V operation
• Uses a crystal or clock input
• Produces 24.704, 37.056, 32.768, or 49.152 MHz
• Includes Power-down features
• Advanced, low-power, sub-micron CMOS process
• See also the MK2049-34 for generating
• Industrial temperature range available
Block Diagram
X1/ICLK
X2
Input
Buffer/
Crystal
Oscillator
1.544 MHz or
2.048 MHz
clock or crystal
input
Optional crystal
capacitors
CLK
REFOUT
MSEL
X16 or x24
PLL/Clock
Synthesis
Circuitry
REFEN
PDCLK


Similar Part No. - ICS548-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS548-05AII ICST-ICS548-05AII Datasheet
71Kb / 4P
MP3 Audio Clock
Revision 032900
More results

Similar Description - ICS548-05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8001 EXAR-XRT8001 Datasheet
1Mb / 48P
WAN Clock for T1 and E1 Systems
logo
Zarlink Semiconductor I...
MT9040 ZARLINK-MT9040 Datasheet
424Kb / 27P
T1/E1 Synchronizer
logo
Cypress Semiconductor
CY26200 CYPRESS-CY26200 Datasheet
94Kb / 5P
T1/E1 Clock Generator
logo
Bourns Electronic Solut...
SM75056 BOURNS-SM75056 Datasheet
237Kb / 1P
T1/E1 Transformer
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
Cypress Semiconductor
CY26200 CYPRESS-CY26200_05 Datasheet
94Kb / 5P
T1/E1 Clock Generator
logo
Rhombus Industries Inc.
T-16100 RHOMBUS-IND-T-16100 Datasheet
70Kb / 2P
T1 / E1 / ISDN PRI Quad T1/E1
logo
PCA ELECTRONICS INC.
EPA3529S PCA-EPA3529S Datasheet
21Kb / 1P
T1/E1 Transformer
EPR1501S PCA-EPR1501S Datasheet
44Kb / 1P
T1/E1 Transformers
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com