Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804S050 Datasheet (PDF) - Renesas Technology Corp

ADC0804S050 Datasheet PDF - Renesas Technology Corp
Part # ADC0804S050
Download  ADC0804S050 Download
File Size   487.99 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz

ADC0804S050 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC0804S050 Datasheet PDF - Renesas Technology Corp

Part # ADC0804S050
Download  ADC0804S050 Click to download

File Size   487.99 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz

ADC0804S050 Datasheet (HTML) - Renesas Technology Corp


ADC0804S050 Product details

8-bit resolution
Sampling rate up to 50 MHz
DC sampling allowed
One clock cycle conversion only
High signal-to-noise ratio over a large analog input frequency range (7.8 effective bits at 4.43 MHz full-scale input at fclk = 40 MHz)
No missing codes guaranteed
In-Range (IR) CMOS output
TTL and CMOS levels compatible digital inputs
3 V to 5 V CMOS digital outputs
Low-level AC clock input signal allowed
External reference voltage regulator
Power dissipation only 175 mW (typical)
Low analog input capacitance, no buffer amplifier required
No sample-and-hold circuit required




Similar Part No. - ADC0804S050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0804S050 NXP-ADC0804S050 Datasheet
140Kb / 19P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
ADC0804S050TS NXP-ADC0804S050TS Datasheet
140Kb / 19P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Integrated Device Techn...
ADC0804S050TS IDT-ADC0804S050TS Datasheet
484Kb / 18P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
More results


Similar Description - ADC0804S050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
ADC1003S030 IDT-ADC1003S030 Datasheet
481Kb / 19P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
Single 8 bits ADC, up to 40 MHz
2 July 2012
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com