Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804S050 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ADC0804S050
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0804S050 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ADC0804S050 Datasheet HTML 1Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 2Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 3Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 4Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 5Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 6Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 7Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 8Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
®
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03 — 2 July 2012
Product data sheet
1. General description
The ADC0806030/040/050 are a family of 8-bit high-speed, low-power Analog-to-Digital
Converters (ADC) for professional video and other applications. It converts the analog
input signal into 8-bit binary coded digital signals at a maximum sampling rate of 50 MHz.
All digital inputs and outputs are Transistor-Transistor Logic (TTL) and CMOS compatible,
although a low-level sine wave clock input signal can also be used.
The device requires an external source to drive its reference ladder. If the application
requires that the reference is driven via internal sources, IDT recommends you use one of
the ADC1003S030/040/050 family.
2. Features
8-bit resolution
Sampling rate up to 50 MHz
DC sampling allowed
One clock cycle conversion only
High signal-to-noise ratio over a large analog input frequency range (7.8 effective bits
at 4.43 MHz full-scale input at fclk = 40 MHz)
No missing codes guaranteed
In-Range (IR) CMOS output
TTL and CMOS levels compatible digital inputs
3 V to 5 V CMOS digital outputs
Low-level AC clock input signal allowed
External reference voltage regulator
Power dissipation only 175 mW (typical)
Low analog input capacitance, no buffer amplifier required
No sample-and-hold circuit required
3. Applications
Video data digitizing
Radar
Transient signal analysis
 modulators
Medical imaging
Barcode scanner
Global Positioning System (GPS) receiver


Similar Part No. - ADC0804S050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0804S050 NXP-ADC0804S050 Datasheet
140Kb / 19P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
ADC0804S050TS NXP-ADC0804S050TS Datasheet
140Kb / 19P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Integrated Device Techn...
ADC0804S050TS IDT-ADC0804S050TS Datasheet
484Kb / 18P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
More results

Similar Description - ADC0804S050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
ADC1003S030 IDT-ADC1003S030 Datasheet
481Kb / 19P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
Single 8 bits ADC, up to 40 MHz
2 July 2012
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com