Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804S050 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ADC0804S050
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0804S050 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ADC0804S050 Datasheet HTML 1Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 2Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 3Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 4Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 5Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 6Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 7Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 8Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
3 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
6. Block diagram
12
DGND2
6
8
Rlad
7
9
RB
RM
RT
VI
11
VCCD2
3
26
VCCA
21
22
23
24
20
D2
D3
D4
D5
D6
19
18
25
2
D1
D0
D7
IN-RANGE LATCH
CMOS
OUTPUTS
LATCHES
CLOCK DRIVER
014aaa550
1
CLK
10
OE
TC
ADC0804S030
13
VCCO
4
AGND
analog ground
digital ground
digital ground
27
DGND1
14
OGND
output ground
analog
voltage input
data outputs
LSB
MSB
28
VCCD1
IR
output
ANALOG - TO - DIGITAL
CONVERTER
CMOS OUTPUT
Fig 1. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com