Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804S050 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ADC0804S050
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0804S050 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ADC0804S050 Datasheet HTML 3Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 4Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 5Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 6Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 7Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 8Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 9Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 10Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
7 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Vref(dif)
differential reference
voltage
VRT  VRB
2.0
2.37
3.0
V
Iref
reference current
VRT  VRB = 2.37 V
-
9.7
-
mA
Rlad
ladder resistance
-
245
-
TCRlad
ladder resistor
temperature coefficient
-
456
-
m
/K
Voffset
offset voltage
BOTTOM;
VRT  VRB = 2.37 V
[2] -
175
-
mV
TOP; VRT  VRB = 2.37 V
[2] -
175
-
mV
Vi(a)(p-p)
peak-to-peak analog
input voltage
[3] 1.7
2.02
2.55
V
Digital outputs D7 to D0 and IR (referenced to OGND)
VOL
LOW-level output
voltage
IOL = 1 mA
0
-
0.5
V
VOH
HIGH-level output
voltage
IOH =  1 mA
VCCO  0.5
-
VCCO
V
Io
output current
in 3-state mode;
0.5 V < VO < VCCO
20
-
+20
A
Switching characteristics; Clock input CLK; see Figure 4[1]
fclk(max)
maximum clock
frequency
ADC0804S030TS
30
-
-
MHz
ADC0804S040TS
40
-
-
MHz
ADC0804S050TS
50
-
-
MHz
tw(clk)H
HIGH clock pulse width full effective bandwidth
8.5
-
-
ns
tw(clk)L
LOW clock pulse width full effective bandwidth
5.5
-
-
ns
Analog signal processing
Linearity
INL
integral non-linearity
fclk = 40 MHz; ramp input
-
0.2
0.5
LSB
DNL
differential non-linearity fclk = 40 MHz; ramp input
-
0.12
0.22
LSB
Eoffset
offset error
middle code; VRB = 1.3 V;
VRT = 3.67 V
-
0.25
-
LSB
EG
gain error
from device to device;
VRB = 1.3 V; VRT = 3.67 V
[4] -
0.1
-
%
Bandwidth (fclk = 40 MHz)
B
bandwidth
full-scale sine wave
[5] -
15
-
MHz
75 % full-scale sine wave
-
20
-
MHz
small signal at mid-scale;
VI = 10 LSB at code 512
-
350
-
MHz
ts(LH)
LOW to HIGH settling
time
full-scale square wave; see
Figure 6
[6] -
1.5
3.0
ns
ts(HL)
HIGH to LOW settling
time
-
1.5
3.0
ns
Table 6.
Characteristics
VCCA = V3 to V4 = 4.75 V to 5.25 V; VCCD = V11 to V12 and V28 to V27 = 4.75 V to 5.25 V;
VCCO = V13 to V14 = 3.0 V to 5.25 V; AGND and DGND shorted together; Tamb = 0 C to 70 C; typical values measured at
VCCA = VCCD = 5 V and VCCO = 3.3 V, Vi(a)(p-p) = 2.0 V; CL = 15 pF and Tamb = 25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com