Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM41024 Datasheet (PDF) - List of Unclassifed Manufacturers

PDM41024 Datasheet PDF - List of Unclassifed Manufacturers
Part # PDM41024
Download  PDM41024 Download
File Size   294.13 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1 Megabit Static RAM 128K x 8-Bit

PDM41024 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDM41024 Datasheet PDF - List of Unclassifed Manufacturers

Part # PDM41024
Download  PDM41024 Click to download

File Size   294.13 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1 Megabit Static RAM 128K x 8-Bit

PDM41024 Datasheet (HTML) - List of Unclassifed Manufacturers


PDM41024 Product details

[Paradigm-Technology]

Description
The PDM41024 is a high-performance CMOS static RAM organized as 131,072 x 8 bits. Writing is accomplished when the write enable (WE) and the chip enable (CE1) inputs are both LOW and CE2 is HIGH. Reading is accomplished when WE and CE2 remain HIGH and CE1 and OE are both LOW.

Features
□ High-speed access times
    Com’l: 10, 12 and 15 ns
    Ind’l: 12 and 15 ns
□ Low power operation (typical)
    - PDM41024SA
        Active: 450 mW
        Standby: 50 mW
    - PDM41024LA
       Active: 400 mW
       Standby: 25mW
□ Single +5V (±10%) power supply
□ TTL-compatible inputs and outputs
□ Packages
    Plastic SOJ (300 mil) - TSO
    Plastic SOJ (400 mil) - SO
    Plastic TSOP (I)- T




Similar Part No. - PDM41024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SO ETC1-PDM41028LA10SO Datasheet
236Kb / 8P
1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOA ETC1-PDM41028LA10SOA Datasheet
236Kb / 8P
1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATR ETC1-PDM41028LA10SOATR Datasheet
236Kb / 8P
1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATY ETC1-PDM41028LA10SOATY Datasheet
236Kb / 8P
1 Megabit Static RAM 256K x 4-Bit
More results


Similar Description - PDM41024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
logo
Cypress Semiconductor
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
1 Mbit (128K x 8) Static RAM
CY62128DV30 CYPRESS-CY62128DV30_06 Datasheet
574Kb / 11P
1-Mb (128K x 8) Static RAM
logo
Integrated Device Techn...
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com