Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM41028 Datasheet (PDF) - List of Unclassifed Manufacturers

PDM41028 Datasheet PDF - List of Unclassifed Manufacturers
Part # PDM41028
Download  PDM41028 Download
File Size   236.22 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1 Megabit Static RAM 256K x 4-Bit

PDM41028 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDM41028 Datasheet PDF - List of Unclassifed Manufacturers

Part # PDM41028
Download  PDM41028 Click to download

File Size   236.22 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1 Megabit Static RAM 256K x 4-Bit

PDM41028 Datasheet (HTML) - List of Unclassifed Manufacturers


PDM41028 Product details

[Paradigm-Technology]

Description
The PDM41028 is a high-performance CMOS static RAM organized as 262,144 x 4 bits. Writing to this device is accomplished when the write enable (WE) and the chip enable (CE) inputs are both LOW. Reading is accomplished when WE remains HIGH and CE and OE are both LOW.
   
Features
□ High speed access times
    Com’l: 10, 12 and 15 ns
    Ind’l: 12 and 15 ns
□ Low power operation (typical)
    - PDM41028SA
        Active: 400 mW
        Standby: 150 mW
    - PDM41028LA
        Active: 350 mW
        Standby: 100 mW
□ Single +5V (±10%) power supply
□ TTL-compatible inputs and outputs
□ Packages
    Plastic SOJ (300 mil) - TSO
    Plastic SOJ (400 mil) - SO
   




Similar Part No. - PDM41028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SO ETC-PDM41024LA10SO Datasheet
294Kb / 8P
1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOA ETC-PDM41024LA10SOA Datasheet
294Kb / 8P
1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATR ETC-PDM41024LA10SOATR Datasheet
294Kb / 8P
1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATY ETC-PDM41024LA10SOATY Datasheet
294Kb / 8P
1 Megabit Static RAM 128K x 8-Bit
More results


Similar Description - PDM41028

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Cypress Semiconductor
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
256K x 4 Static RAM
August 24, 2001
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
1 Megabit Static RAM 128K x 8-Bit
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
CMOS Static RAM 256K (64K x 4-Bit)
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
256K x 4 Static RAM
CY7C106D CYPRESS-CY7C106D Datasheet
901Kb / 11P
1-Mbit (256K x 4) Static RAM
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
256K x 4 Static RAM
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
256K (256K x 1) Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
256K x 4 Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com