Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX92361 Datasheet (PDF) - Melexis Microelectronic Systems

MLX92361 Datasheet PDF - Melexis Microelectronic Systems
Part # MLX92361
Download  MLX92361 Download
File Size   795.62 Kbytes
Page   18 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch

MLX92361 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLX92361 Datasheet PDF - Melexis Microelectronic Systems

Part # MLX92361
Download  MLX92361 Click to download

File Size   795.62 Kbytes
Page   18 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch

MLX92361 Datasheet (HTML) - Melexis Microelectronic Systems


MLX92361 Product details

Features
Normal or lateral magnetic sensitivity
options X,Y,Z
Switch output – fully isolated from the
supply voltage, OUTA/OUTB potentials can
be below GND or above VDD
Typical RON of 3Ω
Output current up to 100mA (AMR 200mA)
Programmable magnetic thresholds and
threshold temperature coefficient
Programmable magnetic Latch, Unipolar
and Omnipolar Switch function
Built-in daisy chain functionality to
synchronize multiple devices
Operating voltage range from 4.5V to 28V
Low average supply current – 180μA
typical
Under-Voltage Reset protection
Thermal protection
Package RoHS compliant TSOT-6L

Application Examples
Reed switch replacement
▪ Fluid level meter applications
▪ Push button
▪ Direct load driving
▪ HIGH/LOW side switch

Description
The MLX92362/61 is a monolithic sensor IC
sensitive to normal or lateral magnetic field.
The MLX92362/61 has two output pins, OUTA and
OUTB. They are connected to an integrated,
electrically isolated switch. The MLX92362 can be
programmed to output direct or inverted signal
from one of the two sensitive axes – X(Y) or Z. The
signal available on the output pins is result of
comparison between the applied magnetic field
and the pre-programmed magnetic thresholds BOP
and BRP for the selected sensitive axis.
The MLX92362/61 can be programmed to act as
magnetic latch, unipolar switch or omnipolar
switch.
The MLX92362/61 can be used as general
replacement of reed switches having the
advantage of solid-state reliability. Note that a
series of ICs can be connected in a single module,
and synchronized via the same 3-wire interface
thanks to the built-in daisy chain function.
Customers can benefit from the end-of-line (EoL)
programming capability of the MLX92362 or
alternatively, they can choose a pre-programmed
MLX92361 device.




Similar Part No. - MLX92361

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92352 MELEXIS-MLX92352 Datasheet
1Mb / 23P
Daughter Board for Melexis PTC devices
REVISION 7 - 20 December 2021
More results


Similar Description - MLX92361

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
Omnipolar Hall Effect Switch IC
logo
Diodes Incorporated
AH180N DIODES-AH180N Datasheet
194Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
DS32174 Rev. 3 - 2
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH1894 DIODES-AH1894 Datasheet
394Kb / 13P
PROGRAMMABLE HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_13 Datasheet
142Kb / 4P
Omnipolar Hall Effect Switch IC
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
Digital-Omnipolar-Switch Hall Effect Sensor
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_17 Datasheet
178Kb / 4P
Omnipolar Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH131 DIWELL-WSH131 Datasheet
172Kb / 4P
Omnipolar Hall Effect Switch IC
2017/4/7 Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com