Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21552 Datasheet (PDF) - Maxim Integrated Products

DS21552 Datasheet PDF - Maxim Integrated Products
Part # DS21552
Download  DS21552 Download
File Size   1323.96 Kbytes
Page   240 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description T1/E1/J1 Single-Chip Transceiver

DS21552 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21552 Datasheet PDF - Maxim Integrated Products

Part # DS21552
Download  DS21552 Click to download

File Size   1323.96 Kbytes
Page   240 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description T1/E1/J1 Single-Chip Transceiver

DS21552 Datasheet (HTML) - Maxim Integrated Products


DS21552 Product details

GENERAL DESCRIPTION
The DS2155 is a software-selectable T1, E1, or J1 single-chip transceiver (SCT) for short-haul and long-haul applications. The DS2155 is composed of a line interface unit (LIU), framer, HDLC controllers, and a TDM backplane interface, and is controlled by an 8-bit parallel port configured for Intel or Motorola bus operations. The DS2155 is pin and software compatible with the DS2156.

FEATURES
■ Complete T1/DS1/ISDN-PRI/J1 Transceiver Functionality
■ Complete E1 (CEPT) PCM-30/ISDN-PRI Transceiver Functionality
■ Long-Haul and Short-Haul Line Interface for Clock/Data Recovery and Waveshaping
■ CMI Coder/Decoder for Optical I/F
■ Crystal-Less Jitter Attenuator
■ Fully Independent Transmit and Receive Functionality
■ Dual HDLC Controllers
■ Programmable BERT Generator and Detector
■ Internal Software-Selectable Receive and Transmit-Side Termination Resistors for 75Ω/100Ω/120Ω T1 and E1 Interfaces
■ Dual Two-Frame Elastic-Store Slip Buffers that Connect to Asynchronous Backplanes Up to 16.384MHz
■ 16.384MHz, 8.192MHz, 4.096MHz, or 2.048MHz Clock Output Synthesized to Recovered Network Clock

APPLICATIONS
    T1/E1/J1 Line Cards
    Switches and Routers
    Add-Drop Multiplexers
   




Similar Part No. - DS21552

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21552 MAXIM-DS21552 Datasheet
1Mb / 137P
T1 Single-Chip Transceivers
120501
logo
Dallas Semiconductor
DS21552L DALLAS-DS21552L Datasheet
1Mb / 137P
3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
logo
Maxim Integrated Produc...
DS21552L MAXIM-DS21552L Datasheet
1Mb / 137P
T1 Single-Chip Transceivers
120501
logo
Dallas Semiconductor
DS21552LN DALLAS-DS21552LN Datasheet
1Mb / 137P
3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
logo
Maxim Integrated Produc...
DS21552LN MAXIM-DS21552LN Datasheet
1Mb / 137P
T1 Single-Chip Transceivers
120501
More results


Similar Description - DS21552

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
T1/E1/J1 3.3V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
Octal T1/E1/J1 Transceiver
REV: 012405
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
T1/E1/J1 3.3 V Single Chip Transceiver
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 112907
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
Single T1/E1/J1 Transceiver
REV: 111606
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
REV: 042204
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com